Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C109B-12VC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C109B-12VC
Description  128K x 8 Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C109B-12VC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C109B-12VC Datasheet HTML 2Page - Cypress Semiconductor CY7C109B-12VC Datasheet HTML 3Page - Cypress Semiconductor CY7C109B-12VC Datasheet HTML 4Page - Cypress Semiconductor CY7C109B-12VC Datasheet HTML 5Page - Cypress Semiconductor CY7C109B-12VC Datasheet HTML 6Page - Cypress Semiconductor CY7C109B-12VC Datasheet HTML 7Page - Cypress Semiconductor CY7C109B-12VC Datasheet HTML 8Page - Cypress Semiconductor CY7C109B-12VC Datasheet HTML 9Page - Cypress Semiconductor CY7C109B-12VC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY7C109B
CY7C1009B
Document #: 38-05038 Rev. *C
Page 7 of 10
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
12
CY7C109B-12VC
51-85033
32-pin (400-Mil) Molded SOJ
Commercial
CY7C1009B-12VC
51-85041
32-pin (300-Mil) Molded SOJ
CY7C109B-12ZC
51-85056
32-pin TSOP Type I
CY7C109B-12ZXC
32-pin TSOP Type I (Pb-Free)
15
CY7C109BL-15VC
51-85033
32-pin (400-Mil) Molded SOJ
Commercial
CY7C109B-15VC
32-pin (400-Mil) Molded SOJ
CY7C109B-15VXC
32-pin (400-Mil) Molded SOJ (Pb-Free)
CY7C1009B-15VC
51-85041
32-pin (300-Mil) Molded SOJ
CY7C1009B-15VXC
32-pin (300-Mil) Molded SOJ (Pb-Free)
CY7C109B-15ZC
51-85056
32-pin TSOP Type I
CY7C109B-15ZXC
32-pin TSOP Type I (Pb-Free)
CY7C109B-15VI
51-85033
32-pin (400-Mil) Molded SOJ
Industrial
CY7C1009B-15VI
51-85041
32-pin (300-Mil) Molded SOJ
20
CY7C109B-20ZC
51-85056
32-pin TSOP Type I
Commercial
CY7C1009B-20VC
51-85041
32-pin (300-Mil) Molded SOJ
CY7C109B-20VI
51-85033
32-pin (400-Mil) Molded SOJ
Industrial
Please contact local sales representative regarding availability of parts
Package Diagrams
32-pin (300-Mil) Molded (51-85041)
51-85041-*A
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com