Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4C116-10FSM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C116-10FSM
Description  ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C116-10FSM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C116-10FSM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Document # SRAM110 REV A
Revised October 2005
P4C116/P4C116L
ULTRA HIGH SPEED 2K x 8
STATIC CMOS RAMS
DESCRIPTION
The P4C116/P4C116L are 16,384-bit ultra high-speed
static RAMs organized as 2K x 8. The CMOS memories
require no clocks or refreshing and have equal access
and cycle times. Inputs are fully TTL-compatible. The
RAMs operate from a single 5V±10% tolerance power
supply. Current drain is typically 10 µA from a 2.0V
supply.
Access times as fast as 10 nanoseconds are available,
permitting greatly enhanced system operating speeds.
CMOS is used to reduce power consumption.
The P4C116 is available in 24-pin 300 mil DIP, SOJ and
SOIC packages, a solder seal flatpack and 4 different
LCC packages (24, 28, 32, and 40 pin).
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25/35 ns (Commercial)
– 15/20/25/35 ns (Military)
Low Power Operation
Output Enable Control Function
Single 5V±10% Power Supply
Common Data I/O
Fully TTL Compatible Inputs and Outputs
Produced with PACE II TechnologyTM
Standard Pinout (JEDEC Approved)
– 24-Pin 300 mil DIP, SOIC, SOJ
– 24-Pin Solder Seal Flat Pack
– 24-Pin Rectangular LCC (300 x 400 mils)
– 28-Pin Square LCC (450 x 450 mils)
– 32-Pin Rectangular LCC (450 x 550 mils)
– 40-Pin Square LCC (480 x 480 mils)
LCC configurations at end of datasheet
DIP (P4, C4), SOJ (J4), SOIC (S4)
SOLDER SEAL FLAT PACK (FS-1) SIMILAR


Similar Part No. - P4C116-10FSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results

Similar Description - P4C116-10FSM

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7133SA IDT-IDT7133SA Datasheet
140Kb / 16P
HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com