Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT802PCVL4A Datasheet(PDF) 70 Page - NXP Semiconductors

Part # PIMXRT802PCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT802PCVL4A Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button PIMXRT802PCVL4A Datasheet HTML 66Page - NXP Semiconductors PIMXRT802PCVL4A Datasheet HTML 67Page - NXP Semiconductors PIMXRT802PCVL4A Datasheet HTML 68Page - NXP Semiconductors PIMXRT802PCVL4A Datasheet HTML 69Page - NXP Semiconductors PIMXRT802PCVL4A Datasheet HTML 70Page - NXP Semiconductors PIMXRT802PCVL4A Datasheet HTML 71Page - NXP Semiconductors PIMXRT802PCVL4A Datasheet HTML 72Page - NXP Semiconductors PIMXRT802PCVL4A Datasheet HTML 73Page - NXP Semiconductors PIMXRT802PCVL4A Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
70
NXP Semiconductors
Electrical Characteristics
4.9
Communication interfaces
The following sections provide the information about communication interfaces.
4.9.1
LPSPI timing parameters
The Low Power Serial Peripheral Interface (LPSPI) provides a synchronous serial bus with master and
slave operations. Many of the transfer attributes are programmable. The following tables provide timing
characteristics for classic LPSPI timing modes.
All timing is shown with respect to 20% VDD and 80% VDD thresholds, unless noted, as well as input
signal transitions of 3 ns and a 30 pF maximum load on all LPSPI pins.
VH
Analog comparator hysteresis1
mV
• CR0[HYSTCTR] = 00
—
1
2
• CR0[HYSTCTR] = 01
—
21
54
• CR0[HYSTCTR] = 10
—
42
108
• CR0[HYSTCTR] = 11
—
64
184
VCMPOH
Output high
VDD - 0.5
—
—
V
VCMPOI
Output low
—
—
0.5
V
tDHS
Propagation delay, high-speed
mode (EN = 1, PMODE = 1)2
—
25
40
ns
tDLS
Propagation delay, low-speed
mode (EN = 1, PMODE = 0)2
—
50
90
ns
tDInit
Analog comparator initialization
delay3
—
1.5
—
s
IDAC6b
6-bit DAC current adder (enabled) —
5
—
A
RDAC6b
6-bit DAC reference inputs
—
VDD
—
V
INLDAC6b
6-bit DAC integral non-linearity
-0.3
—
0.3
LSB4
DNLDAC6b
6-bit DAC differential non-linearity -0.15
—
0.15
LSB4
1 Typical hysteresis is measured with input voltage range limited to 0.7 to VDD - 0.7 V in high speed mode.
2 Signal swing is 100 mV.
3 Comparator initialization delay is defined as the time between software writes to the enable comparator module and the
comparator output setting to a stable level.
4 1 LSB = Vreference / 64
Table 56. Comparator and 6-bit DAC electrical specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com