Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG4DVKLITE Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG4DVKLITE
Description  GreenPAK Lite Development Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG4DVKLITE Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG4DVKLITE Datasheet HTML 9Page - Renesas Technology Corp SLG4DVKLITE Datasheet HTML 10Page - Renesas Technology Corp SLG4DVKLITE Datasheet HTML 11Page - Renesas Technology Corp SLG4DVKLITE Datasheet HTML 12Page - Renesas Technology Corp SLG4DVKLITE Datasheet HTML 13Page - Renesas Technology Corp SLG4DVKLITE Datasheet HTML 14Page - Renesas Technology Corp SLG4DVKLITE Datasheet HTML 15Page - Renesas Technology Corp SLG4DVKLITE Datasheet HTML 16Page - Renesas Technology Corp SLG4DVKLITE Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
GreenPAK Lite Development Board Manual
R21UT0253EU0100 Rev.1.00
Oct 20, 2023
Page 13
Figure 20. Training Board #2 Connection
Figure 21. Debugging Setup
2.3.1.
GPSD Connector Specifications
Table 6 shows GPSD power specifications.
Table 6. PWR Specifications
Parameter
Description
Min
Typ
Max
Unit
V
Output Voltage Range
0.9
--
5.5
V
∆V
Output Voltage Adjustment Step
--
50
--
mV
VI
Input Voltage Range
0.9
--
5.5
V
Imax
Maximum Output Current
--
150
--
mA
RI
Input Impedance
--
100
--
k
Ω
CI
Input Capacitance
--
20
--
pF
Table 7 describes GPSD I2C pins specifications while using interface in Go Configure Software. When interface
is not active, pull-up resistors are disabled.
Table 7. SCL, SDA Specifications
Parameter
Description
Condition
Min
Typ
Max
Unit
SCL
VO
Output Voltage Level Range
Based on PWR setup
0.9
--
5.5
V
VOH
Output High Voltage
PWR = 5.5 V
--
--
PWR
V
VOL
Output Low Voltage
PWR = 5.5 V
--
--
0.08
V
RPULL
Pull-up Resistance
--
1.8
--
k
Ω
IOL
Output Current LOW
PWR = 5.5 V
--
--
15
mA
SDA
VO
Output Voltage Level Range
Based on PWR setup
0.9
--
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com