| Electronic Components Datasheet Search |
|
PIMXRT802PDFP4A Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT802PDFP4A Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 119 page ![]() i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024 12 NXP Semiconductors Architectural Overview 2 Architectural Overview The following subsections provide an architectural overview of the i.MX RT1060 processor system. 2.1 Block diagram Figure 2 shows the functional modules in the i.MX RT1060 processor system1. . Figure 2. i.MX RT1060 system block diagram 1. Some modules shown in this block diagram are not offered on all derivatives. See Table 1 for details. aaa-055232 eMMC 4.5/SD 3.0 x2 Connectivity UART x8 ADC x2 (20-channel) ADC ACMP x4 8 x 8 Keypad I2C x4 SPI x4 GPIO I2S/SAI x3 S/PDIF Tx/Rx FlexCAN x2 USB 2.0 OTG with PHY x2 FLEXIO1/FLEXIO2 10/100 ENET with IEEE 1588 x1 Secure JTAG System control Arm Cortex-M7 Up to 512 kB TCM 32 kB I-cache 32 kB D-cache High-speed GPIO GPIO 6/7/8/9 FLEXIO3 FPU MPU NVIC CPU platform 8/16/24-bit Parallel CSI 24-bit Parallel LCD PXP 2D graphics acceleration resize, CSC, overlay, rotation Multimedia FlexSPI x2 (dual-channel QuadSPI NAND and NOR, Octal Flash, and RAM) External memory PLL/OSC 512 kB OCRAM Internal memory Ciphers and RNG Secure RTC eFuse Security 128 kB ROM DCDC Power management LDO Temp monitor RTC and Reset Enhanced DMA IOMUX GP Timer x2 Quadrature ENC x4 QuadTimer (4-Channel) x4 FlexPWM (4-Channel) x4 Watch Dog x4 External Memory Controller 8-bit/16-bit SDRAM Parallel NOR FLASH NAND FLASH PSRAM HAB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |