Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM5352 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM5352
Description  SATURN USER NETWORK INTERFACE 155 (STAR)
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5352 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM5352 Datasheet HTML 29Page - PMC-Sierra, Inc PM5352 Datasheet HTML 30Page - PMC-Sierra, Inc PM5352 Datasheet HTML 31Page - PMC-Sierra, Inc PM5352 Datasheet HTML 32Page - PMC-Sierra, Inc PM5352 Datasheet HTML 33Page - PMC-Sierra, Inc PM5352 Datasheet HTML 34Page - PMC-Sierra, Inc PM5352 Datasheet HTML 35Page - PMC-Sierra, Inc PM5352 Datasheet HTML 36Page - PMC-Sierra, Inc PM5352 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
PM5352 S/UNI STAR
DATA SHEET
PMC-1990421
ISSUE 2
SATURN USER NETWORK INTERFACE 155 (STAR)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
Pin Name
Type
Pin
No.
Function
RADR[2]
RADR[1]
RADR[0]
Input
(POS)
R23
P20
R22
POS-PHY Receive Read Address (RADR).
The RADR signal is used to select the FIFO (and
hence port) that is read from using the RENB
signal.
The RADR bus is used to select the FIFO (and
hence port) that is written to using the TENB signal
and the FIFO's whose packet available signal is
visible on the PRPA polling output.
Note that address 0x7H is the null-PHY address
and will not be identified with the S/UNI-STAR.
RADR is sampled on the rising edge of RFCLK.
RCA
Output
(ATM)
N20
UTOPIA Receive multi-PHY Cell Available (RCA).
RCA indicates when a cell is available in the receive
FIFO ( when the STAR is selected by RADR[2:0]).
RCA can be configured to be de-asserted when
either zero or four bytes remain in the
selected/addressed FIFO. RCA will thus transition
low on the rising edge of RFCLK after Payload word
24 (RCALEVEL0=1) or 19 (RCALEVEL0=0) is
output if the PHY being polled is the same as the
PHY in use.
RCA is tristated when either the null-PHY address
(0x7H) or an address not matching the device
address is latched from the RADR[2:0] inputs when
RENB is high.
RCA is updated on the rising edge of RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com