Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4C422-12DM Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C422-12DM
Description  HIGH SPEED 256 x 4 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C422-12DM Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C422-12DM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C422-12DM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C422-12DM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C422-12DM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C422-12DM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C422-12DM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C422-12DM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C422-12DM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C422-12DM Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
P4C422
Page 8 of 10
Document # SRAM101 REV. A
SQUARE LEADLESS CHIP CARRIER
CERPACK CERAMIC FLAT PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.090
b
0.015
0.022
c
0.004
0.009
D-
0.630
E
0.330
0.380
e
k
0.008
0.015
L
0.250
0.370
Q
0.026
0.045
S-
0.085
S1
0.005
-
F3
24
0.050 BSC
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.075
A1
0.050
0.065
B1
0.022
0.028
D/E
0.395
0.410
D1/E1
D2/E2
D3/E3
-
0.410
e
h
j
L
0.045
0.055
L1
0.045
0.055
L2
0.075
0.095
ND
NE
0.050 BSC
6
0.040 REF
0.020 REF
6
L4
24
0.250 BSC
0.125 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com