Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0603ML080C Datasheet(PDF) 3 Page - HITANO ENTERPRISE CORP.

Part # 0603ML080C
Description  Multilayer Chip Varistor. C series wide range application
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITANO [HITANO ENTERPRISE CORP.]
Direct Link  https://www.hitano.com.tw/
Logo HITANO - HITANO ENTERPRISE CORP.

0603ML080C Datasheet(HTML) 3 Page - HITANO ENTERPRISE CORP.

  0603ML080C Datasheet HTML 1Page - HITANO ENTERPRISE CORP. 0603ML080C Datasheet HTML 2Page - HITANO ENTERPRISE CORP. 0603ML080C Datasheet HTML 3Page - HITANO ENTERPRISE CORP. 0603ML080C Datasheet HTML 4Page - HITANO ENTERPRISE CORP. 0603ML080C Datasheet HTML 5Page - HITANO ENTERPRISE CORP. 0603ML080C Datasheet HTML 6Page - HITANO ENTERPRISE CORP. 0603ML080C Datasheet HTML 7Page - HITANO ENTERPRISE CORP. 0603ML080C Datasheet HTML 8Page - HITANO ENTERPRISE CORP. 0603ML080C Datasheet HTML 9Page - HITANO ENTERPRISE CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Multilayer Chip Varistors
Transient voltage surge suppressors
 C Series Wide range Application
Hitano
Part no.
Working Voltage
(MAX)
Breakdown
Voltage
Peak
Current
Clamping Voltage
(MAX)
Condition
Unit
AC
(VRMS)
DC
(V)
1mA
(V)
8/20µs
(A)
(A)
(V)
0805ML030C
1.4
2
3(2.4~3.6)
80
1
9
0805ML050C
2.4
3.3
5(4.0~6.0)
80
1
12
0805ML080C
4
5.5
8(6.6~9.9)
80
1
18
0805ML120C
7
9
12(10.2~13.8)
100
1
24
0805ML150C
8
11
15(12.75~17.25)
100
1
25
0805ML180C
11
14
18(15.3~20.7)
100
1
30
0805ML220C
12
16
22(19.8~24.2)
100
1
36
0805ML240C
14
18
24(21.6~26.4)
100
1
39
0805ML270C
17
22
27(24.3~29.7)
100
1
44
0805ML300C
18
24
30(27.0~33.0)
100
1
48
0805ML330C
20
26
33(29.7~36.3)
100
1
54
0805ML360C
22
28
36(32.7~39.6)
100
1
59
0805ML390C
25
30
39(35.1~42.9)
100
1
65
0805ML420C
26
33
42(38.1~46.2)
100
1
72
0805ML470C
30
38
47(42.3~51.7)
100
1
77
0805ML560C
35
45
56(50.4~61.6)
80
1
90
Hitano
Part no.
Working Voltage
(MAX)
Breakdown
Voltage
Peak
Current
Clamping Voltage
(MAX)
Condition
Unit
AC
(VRMS)
DC
(V)
1mA
(V)
8/20µs
(A)
(A)
(V)
1206ML050C
2.4
3.3
5(4.0~6.0)
100
1
12
1206ML080C
4
5.5
8(6.6~9.9)
100
1
18
1206ML120C
7
9
12(10.2~13.8)
120
1
24
1206ML150C
8
11
15(12.75~17.25)
120
1
25
1206ML180C
11
14
18(15.3~20.7)
120
1
30
1206ML220C
12
16
22(19.8~24.2)
120
1
36
1206ML240C
14
18
24(21.6~26.4)
120
1
38
1206ML270C
17
22
27(24.3~29.7)
120
1
44
1206ML300C
18
24
30(27.0~33.0)
120
1
48
1206ML330C
20
26
33(29.7~36.3)
120
1
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com