Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4C168-45FSM Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C168-45FSM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C168-45FSM Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C168-45FSM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C168-45FSM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C168-45FSM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C168-45FSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C168-45FSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C168-45FSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C168-45FSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C168-45FSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C168-45FSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
P4C168, P4C169, P4C170
Page 4 of 15
Document # SRAM107 REV A
Notes:
7. ADDRESS must be valid prior to, or coincident with CE/CS transition
low. For Fast CS, t
AA must still be met.
8. Transition is measured ±200mV from steady state voltage prior to
change, with loading as specified in Figure 1.
9. Read Cycle Time is measured from the last valid address to the first
transitioning address.
TIMING WAVEFORM OF READ CYCLE NO. 2 (CE
CE
CE
CE
CE/CS
CS
CS
CS
CS CONTROLLED)(5,7)
TIMING WAVEFORM OF READ CYCLE NO. 3—P4C170 ONLY (OE
OE
OE
OE
OE CONTROLLED)(5)
TIMING WAVEFORM OF READ CYCLE NO. 1 (ADDRESS CONTROLLED)(5,6)
Notes:
5. WE is HIGH for READ cycle.
6. CE/CS and OE are LOW for READ cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com