Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM5366 Datasheet(PDF) 28 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 28 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 24Page - PMC-Sierra, Inc PM5366 Datasheet HTML 25Page - PMC-Sierra, Inc PM5366 Datasheet HTML 26Page - PMC-Sierra, Inc PM5366 Datasheet HTML 27Page - PMC-Sierra, Inc PM5366 Datasheet HTML 28Page - PMC-Sierra, Inc PM5366 Datasheet HTML 29Page - PMC-Sierra, Inc PM5366 Datasheet HTML 30Page - PMC-Sierra, Inc PM5366 Datasheet HTML 31Page - PMC-Sierra, Inc PM5366 Datasheet HTML 32Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
16
• ITU-T - Recommendation G.704 - Synchronous Frame Structures Used at
Primary Hierarchical Levels, July 1995.
• ITU-T - Recommendation G.706 - Frame Alignment and CRC Procedures
Relating to G.704 Frame Structures, 1991.
• ITU-T Recommendation G.707 – Network Node Interface for the Synchronous
Digital Hierarchy, 1996
• ITU-T Recommendation G.747 – Second Order Digital Multiplex Equipment
Operating at 6312 kbit/s and Multiplexing Three Tributaries at 2048 kbit/s, 1988
• ITU-T Recommendation G.751, - CCITT Blue Book Fasc. III.4, "Digital Multiplex
Equipments Operating at the Third Order Bit Rate of 34,368 kbit/s and the Fourth
Order Bit Rate of 139,264 kbit/s and Using Positive Justification”, 1988
• ITU-T Recommendation G.775, - Loss of Signal (LOS) and Alarm Indication
Signal (AIS) Defect Detection and Clearance Criteria, 11/94
• ITU-T Recommendation G.783 – Characteristics of Synchronous Digital
Hierarchy (SDH) Equipment Functional Blocks, April, 1997.
• ITU-T Recommendation G.823, - The Control of Jitter and Wander within Digital
Networks which are Based on the 2048 kbit/s Hierarchy, 03/94
• ITU-T Recommendation G.832 - "Transport of SDH Elements on PDH Networks:
Frame and Multiplexing Structures", 1993.
• ITU-T Recommendation G.964, - V-Interfaces at the Digital Local Ex–hange (LE)
- V5.1 Interface (Based on 2048 kbit/s) for the Support of Access Network (AN),
June 1994.
• ITU-T Recommendation G.965, - V-Interfaces at the Digital Local Ex–hange (LE)
- V5.2 Interface (Based on 2048 kbit/s) for the Support of Access Network (AN),
March –995.
• ITU-T - Recommendation I.431 - Primary Rate User-Network Interface – Layer 1
Specification, 1993.
• ITU-T Recommendation O.151 – Error Performance Measuring Equipment
Operating at the Primary Rate and Above, October 1992
• ITU-T Recommendation O.152 – Error Performance Measuring Equipment for
Bit Rates of 64 kbit/s and N x 64 kbit/s, October 1992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com