Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STO-03203N05-R-E1 Datasheet(PDF) 1 Page - Eravant

Part # STO-03203N05-R-E1
Description  STO-03203N05-R-E1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STO-03203N05-R-E1 Datasheet(HTML) 1 Page - Eravant

  STO-03203N05-R-E1 Datasheet HTML 1Page - Eravant STO-03203N05-R-E1 Datasheet HTML 2Page - Eravant STO-03203N05-R-E1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced 1.5
STO-03203N05-R-E1
J-Band VNA Frequency Extender
Receive (Rx) Module, 9.17 to 13.75 GHz Input
STO-03203N05-R-E1 is a compact J-Band vector network
analyzer (VNA) frequency extender receive (Rx) module that
extends lower frequency VNA signals to 220 to 330 GHz. It
is compatible with modern vector network analyzers such as
Rohde & Schwarz ZNA, Anritsu VectorStar™, Keysight PNA-X
Series, and Copper Mountain CobaltFx. The VNA needs dual
sources to be extended. This frequency extender can be used
to measure one-path transmission (S21 or S12) through DUT
when paired with compatible transmitter. When Rx module is
paired with Tx/Rx module, the setup can be used to measure
reflection at input of DUT and transmission through DUT. An AC
to DC Power adapter and
Proxi-Flange™ Contactless Flanges
(STQ-WG-03010-FB-CF and STQ-WG-03025-FB-CF), are
included. The Eravant calibration kit (
STQ-TO-03-S1-CKIT1)
and
Wave-Glide™ Rail System (STQ-TL-RW-S10-M1) are
highly recommended to complete the J-Band VNA test set. VNA
extender is packaged individually in a rugged equipment box
with additional hardware and tools.
Parameter
Minimum
Typical
Maximum
Frequency Range
220 GHz
330 GHz
Input Attenuation Control Range
30 dB
Test Port Input Power (Damage)*
+10 dBm
Dynamic Range** @ 10 Hz BW
80 dB
Test Port Match
20 dB
LO Source Input Frequency (RF±IF)
9.17 GHz
13.75 GHz
LO Source Input Power
0 dBm
+3 dBm
+6 dBm
IF Frequency Range
10 MHz
1000 MHz
Multiplication Factor
24
Specification Temperature
+20 ˚C
+30 ˚C
Operating Temperature
0 ˚C
+50 ˚C
Electrical Specifications
ECCN
• 3A001.b.7
FEATURES
• Full Band Coverage
• Dynamic Range of 80 dB
• AC Power Input: 100 to 240 VAC
APPLICATIONS
• VNA Frequency Extension
• OTA Measurements
• Test Lab Instrumentation
RECOMMENDED PAIRINGS
• Cal Kit: STQ-TO-03-S1-CKIT1
• Waveguide Quick Connects
• Cable: SCW-SMSM040-F1-A-PM
RECOMMENDED RESOURCES
• Contactless WG Flange & mmW-
THz Test Setup Applications
• VNA Extender Configuration Guide
• VNA Extenders & Cal Kits
*Max input power is specified when attenuation level is minimum. Increasing
attenuation level will increase power handling.
**Measured with compatible Tx/Ref or Tx/Rx module.
www.eravant.com | 424-757-0168 | support@eravant.com
1/3
Copyright © 2023 by Eravant


Similar Part No. - STO-03203N05-R-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
STO-03203N05-T-E1 ERAVANT-STO-03203N05-T-E1 Datasheet
757Kb / 3P
J-Band VNA Frequency Extender
1.5
More results

Similar Description - STO-03203N05-R-E1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1102351-6 MACOM-2-1102351-6 Datasheet
68Kb / 1P
HOOD HB.32.STO
2-1102655-5 MACOM-2-1102655-5 Datasheet
38Kb / 1P
Hood HIP.16/40.STO.1.29.G Steckergehause HIP.16/40.STO.1.29.G
2-1102663-5 MACOM-2-1102663-5 Datasheet
128Kb / 1P
HOOD HIP SIZE8 HIP.24/64.STO.1.29.Z
logo
E-Tech Electronics LTD
GMBT194A ETL-GMBT194A Datasheet
357Kb / 2P
N P N S I L I CO N PL AN AR ME D I UM POWE R T R AN S I STO R
logo
PHOENIX CONTACT
1135734 PHOENIX-1135734 Datasheet
314Kb / 24P
Electronic device circuit breaker - PTCB E1 24DC/8A SI-R
1135740 PHOENIX-1135740 Datasheet
301Kb / 23P
Electronic device circuit breaker - PTCB E1 24DC/6A SI-R
1135745 PHOENIX-1135745 Datasheet
319Kb / 24P
Electronic device circuit breaker - PTCB E1 24DC/4A SI-R
1135749 PHOENIX-1135749 Datasheet
303Kb / 23P
Electronic device circuit breaker - PTCB E1 24DC/2A SI-R
1135751 PHOENIX-1135751 Datasheet
303Kb / 23P
Electronic device circuit breaker - PTCB E1 24DC/1A SI-R
2800912 PHOENIX-2800912 Datasheet
96Kb / 8P
Electronic device circuit breaker - CB E1 24DC/6A S-R P
18.01.2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com