Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT71342LA45PF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT71342LA45PF
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71342LA45PF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT71342LA45PF Datasheet HTML 6Page - Integrated Device Technology IDT71342LA45PF Datasheet HTML 7Page - Integrated Device Technology IDT71342LA45PF Datasheet HTML 8Page - Integrated Device Technology IDT71342LA45PF Datasheet HTML 9Page - Integrated Device Technology IDT71342LA45PF Datasheet HTML 10Page - Integrated Device Technology IDT71342LA45PF Datasheet HTML 11Page - Integrated Device Technology IDT71342LA45PF Datasheet HTML 12Page - Integrated Device Technology IDT71342LA45PF Datasheet HTML 13Page - Integrated Device Technology IDT71342LA45PF Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
10
Timing Waveform of Semaphore Read After Write Timing, Either Side(1)
NOTE:
1.
CE = VIH for the duration of the above timing (both write and read cycle).
NOTES:
1. D0R = D0L = VIL,
CER = CEL = VIH, Semaphore Flag is released from both sides (reads as ones from both sides) at cycle start.
2. All timing is the same for left and right ports. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
3. This parameter is measured from the point where R/
W "A" or SEM "A" goes HIGH until R/W "B" or SEM "B" goes HIGH.
4. If tSPS is violated, the semaphore will fall positively to one side or the other, but there is no guarantee which side will obtain the flag.
Timing Waveform of Semaphore Condition(1,3,4)
A0 -A2
VALID ADDRESS
VALID ADDRESS
DATAIN VALID
DATAOUT
VALID
SEM
R/
W
OE
DATA0
tAW
tEW
tWR
tDW
tDH
tWP
tAS
tSWRD
tSOP
tAOE
tACE
tSAA
tOH
tSOP
Test Cycle
(Read Cycle)
Write Cycle
2721 drw 12
A0"A" -A2"A"
tSPS
R/
W"A"
SEM"A"
SIDE
(2) "A"
A0"B" -A2"B"
R/
W"B"
SEM"B"
SIDE
(2) "B"
MATCH
MATCH
2721 drw 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com