Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4C170-70FSM Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C170-70FSM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C170-70FSM Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C170-70FSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C170-70FSM Datasheet HTML 12Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
P4C168, P4C169, P4C170
Page 8 of 15
Document # SRAM107 REV A
ORDERING INFORMATION
SELECTION GUIDE
The P4C168, P4C169 and P4C170 are available in the following temperature, speed and package options.
† P4C168 and P4C169 only.
†† P4C168
* Military temperature range with MIL-STD-883, Class B processing.
N/A = Not available
12
15
20
25
35
Plastic DIP
-12PC
-15PC
-20PC
-25PC
N/A
Plastic SOIC†
-12SC
-15SC
-20SC
-25SC
N/A
Plastic SOJ††
-12JC
-15JC
-20JC
-25JC
N/A
LCC
N/A
-15LM
-20LM
-25LM
-35LM
CERDIP
N/A
-15DM
-20DM
-25DM
-35DM
Side Brazed DIP
N/A
-15CM
-20CM
-25CM
-35CM
CERPACK
N/A
-15FM
-20FM
-25FM
-35FM
Solder Seal Flat Pack
N/A
-15FSM
-20FSM
-25FSM
-35FSM
LCC
N/A
-15LMB
-20LMB
-25LMB
-35LMB
CERDIP
N/A
-15DMB
-20DMB
-25DMB
-35DMB
Side Brazed DIP
N/A
-15CMB
-20CMB
-25CMB
-35CMB
CERPACK
N/A
-15FMB
-20FMB
-25FMB
-35FMB
Solder Seal Flat Pack
N/A
-15FSMB
-20FSMB
-25FSMB
-35FSMB
Military
Processed*
(P4C168 only)
Speed
Temperature
Range
Package
Commercial
Temperature
Military
Temperature
(P4C168 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com