Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSS245 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS245
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS245 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS245 Datasheet HTML 1Page - Sanyo Semicon Device FSS245 Datasheet HTML 2Page - Sanyo Semicon Device FSS245 Datasheet HTML 3Page - Sanyo Semicon Device FSS245 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS245
No. A0671-3/4
7
3
2
5
1.0
7
5
3
2
10
7
5
3
2
0.1
1.0
27
5
32
3
10
0.01
2
7
5
3
2
0.1
2
7
5
3
1.0
2
7
5
3
10
2
7
5
3
3
0.001
0.2
0.4
0.6
0.8
1.0
1.2
1000
3
2
7
5
3
2
7
5
100
05
10
15
20
30
25
35
40
45
Ciss
Coss
Crss
10
9
8
7
6
5
4
3
2
1
0
0
10
20
30
40
50
60
VDS=10V
ID=11A
IT12047
IT12048
IT12050
IT12051
VDS=10V
f=1MHz
VGS=0V
Tc=
--25
°C
75
°C
0.1
1.0
2
23
5
7
10
2
33
57
10
5
3
2
100
7
5
3
2
IT12049
td(off)
td(on)
VDD=24V
tf
t r
IT12052
25°
C
0.01
23
5 7 0.1
23
5 7
2
2
33
5 7
1.0
57 10
100
0.01
100
7
5
3
2
10
7
5
3
2
1.0
7
5
3
2
0.1
7
5
3
2
IDP=44A
ID=11A
DC
operation
10s
100ms
10ms
1ms
≤10
µs
Operation in
this area is
limited by RDS(on).
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
VGS -- Qg
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
A S O
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2
✕0.8mm)
yfs -- ID
Drain Current, ID -- A
Drain Current, ID -- A
SW Time -- ID
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- Ta
Ambient Temperature, Ta --
°C
80
40
60
20
10
50
70
30
0
30
20
10
5
25
15
0
23
45
6
7
8
9
10
IT12045
IT12046
Ta=25
°C
--60
--40
--20
0
20
40
60
80
100
120
140
160
VGS
=4V
, ID
=5.5A
ID=5.5A
11A
VGS
=10V
, ID
=11.0A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com