Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-CAM-M0I Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-CAM-M0I
Description  P-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of promodules on embedded processing platforms
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CAM-M0I Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-CAM-M0I Datasheet HTML 1Page - STMicroelectronics STEVAL-CAM-M0I Datasheet HTML 2Page - STMicroelectronics STEVAL-CAM-M0I Datasheet HTML 3Page - STMicroelectronics STEVAL-CAM-M0I Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
Comprehensive hardware kit including:
–
Promodule board with input connector for camera modules and FFC
output connector.
–
Ribbon cable to connect directly to embedded processing boards.
•
Instant integration onto embedded processing platforms:
–
Native MIPI CSI-2 output and I²C communication interfaces.
–
FFC connector and associated cable provided for direct plug-and-play
connection to the platform.
–
Various Linux drivers are available for free download on st.com to make
software integration instant.
•
A single and reusable solution for integrating all ST BrightSense solutions:
–
A single input connector that supports all ST promodules
–
Plug-and-play input connector to change sensor or lens instantly.
–
Promodule to be ordered separately.
Description
The P-Board is a versatile hardware kit for integrating seamlessly any ST
BrightSense image sensor in the form of a promodule on embedded processing
platforms. This comprehensive development solution includes a promodule board
with MIPI CSI-2 output and a ribbon cable.
Featuring a MIPI CSI-2 output and I²C communication interface, the P-Board is
natively compatible with embedded vision platforms. Hardware integration is
immediate by plugging the standard FFC cable provided from the P-Board to the
embedded processing board. Software integration is just as simple by using the
various Linux drivers available for free download in the Imaging Software section of
our website. This combination of hardware and software tools makes the P-Board the
ideal development solution for Linux environments.
Relying on an FFC-to-board input connector, the P-Board allows users to integrate
turnkey promodules instantly in a plug-and-play approach. The common connector
and pinout shared by all ST promodules allow users to use the P-Board with any
promodule. This convenient plug-and-play approach offers the opportunity to reuse
this affordable kit at any time to integrate various sensor and lens combinations in the
form of an evaluation camera module. With the P-Board, benefit from the flexibility to
test or integrate various sensors by just plugging and unplugging camera modules.
Order code
Description
STEVAL-CAM-M0I
P-Board hardware
kit
P-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of
promodules on embedded processing platforms
STEVAL-CAM-M0I
Data brief
DB5289 - Rev 1 - June 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVAL-CAM-M0I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CBL001V1 STMICROELECTRONICS-STEVAL-CBL001V1 Datasheet
187Kb / 5P
EEPROM data programming on-socket or via coaxial cable
June 2008 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
19-Feb-2009
More results

Similar Description - STEVAL-CAM-M0I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
Evaluation Kit for the MAX3678
11/9/2009
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
logo
Toshiba Semiconductor
TC358743 TOSHIBA-TC358743 Datasheet
194Kb / 3P
HDMI video and audio streams into MIPI CSI-2 data to enable Application Processors with MIPI CSI-2
logo
Silicon Laboratories
SI88241ED-IS SILABS-SI88241ED-IS Datasheet
220Kb / 7P
installed on the evaluation board
SI88621ED-IS SILABS-SI88621ED-IS Datasheet
579Kb / 11P
installed on the evaluation board
logo
Texas Instruments
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
MIPI CSI-2 FPD-Link III Serializer
logo
Maxim Integrated Produc...
MAX2838EVKIT MAXIM-MAX2838EVKIT Datasheet
1Mb / 13P
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 0; 7/08
MAX2831EVKIT MAXIM-MAX2831EVKIT Datasheet
2Mb / 13P
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 3; 1/16
logo
List of Unclassifed Man...
INAND7250 ETC1-INAND7250 Datasheet
783Kb / 1P
Proven Reliability and Endurance for Embedded Platforms
2017
logo
Diodes Incorporated
PI2MEQX2505 DIODES-PI2MEQX2505 Datasheet
1Mb / 17P
MIPI CSI-2/DSI D-PHY ReDriver
Rev 2 - 2 February 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com