Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STQ-WG-08025-F1-A-R Datasheet(PDF) 1 Page - Eravant

Part # STQ-WG-08025-F1-A-R
Description  WR-08 Proxi-Flange™ Contactless Flange Straight Waveguide Section, 2.0"
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STQ-WG-08025-F1-A-R Datasheet(HTML) 1 Page - Eravant

  STQ-WG-08025-F1-A-R Datasheet HTML 1Page - Eravant STQ-WG-08025-F1-A-R Datasheet HTML 2Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STQ-WG-08025-F1-A-R
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/2
Final Rev 1.1
WR-
08 Straight Waveguide Section, 2.5”, Metrology Grade
STQ-WG-08025-F1-A-R
is a 2.5” long, F-band straight waveguide
section with a WR-08 waveguide and UG-387/U-M precision anti-cocking
flanges. The straight waveguide is designed and manufactured with a
precision machining process to ensure high quality and ruggedness for
metrology applications. The extended length and enhanced waveguide
section are particularly considered for ease DUT (device under testing)
connections and stress sustaining.
Mechanical Specifications:
Item
Specification
Waveguide Port
WR-08 Waveguide with UG-387/U-M Precision Anti-
Cocking Flange
Flange Material
Brass
Waveguide Material
Copper
Finish
Gold Plated
Weight
1.6 Oz
Insertion Length
2.5”
Outline
WG-FF-A-R-2.5
ECCN
EAR99
FEATURES
•
Frequency Coverage: 90 to 140
GHz
•
Rugged Waveguide
Configuration
•
Low Insertion Loss
•
High Return Loss, 32 dB or
higher
APPLICATIONS
•
Test Instrumentation
•
Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - STQ-WG-08025-F1-A-R

ManufacturerPart #DatasheetDescription
logo
Eravant
STQ-WG-08025-FB-CF ERAVANT-STQ-WG-08025-FB-CF Datasheet
480Kb / 4P
WR-08 Proxi-Flange™ Contactless Flange Straight Waveguide Section
Rev 1.5
More results

Similar Description - STQ-WG-08025-F1-A-R

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W51S001-3 PASTERNACK-PE-W51S001-3 Datasheet
413Kb / 4P
WR-51 Instrumentation Grade Straight Waveguide Section 3 Inch
PE-W51S001-6 PASTERNACK-PE-W51S001-6 Datasheet
414Kb / 4P
WR-51 Instrumentation Grade Straight Waveguide Section 6 Inch Length with R180 Flange Operating from 15 GHz to 22 GHz
PE-W75S001-3 PASTERNACK-PE-W75S001-3 Datasheet
305Kb / 2P
WR-75 Commercial Grade Straight Waveguide Section 3 Inch Length with UBR120 Flange Operating from 10 GHz to 15 GHz
PE-W75S001-9 PASTERNACK-PE-W75S001-9 Datasheet
304Kb / 2P
WR-75 Commercial Grade Straight Waveguide Section 9 Inch Length with UBR120 Flange Operating from 10 GHz to 15 GHz
PE-W75SF005-12 PASTERNACK-PE-W75SF005-12 Datasheet
392Kb / 4P
WR-75 Flexible Straight Waveguide Section 12 Inch Length with Square Cover Flange Operating from 10 GHz to 15 GHz
PE-W90SF006-12 PASTERNACK-PE-W90SF006-12 Datasheet
416Kb / 4P
WR-90 Flexible Straight Waveguide Section 12 Inch Length with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PE-W112SF006-12 PASTERNACK-PE-W112SF006-12 Datasheet
416Kb / 4P
WR-112 Flexible Straight Waveguide Section 12 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF006-24 PASTERNACK-PE-W112SF006-24 Datasheet
416Kb / 4P
WR-112 Flexible Straight Waveguide Section 24 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PE-W112SF006-36 PASTERNACK-PE-W112SF006-36 Datasheet
416Kb / 4P
WR-112 Flexible Straight Waveguide Section 36 Inch Length with CPR-112G Flange Operating from 7.05 GHz to 10 GHz
PEWTS1005 PASTERNACK-PEWTS1005 Datasheet
385Kb / 3P
WR-90 to WR-75 Waveguide Transition 3 Inch Length, CPR-90G Grooved Flange to Square Cover Flange
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com