Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8CLED08 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY8CLED08
Description  EZ-Color??HB LED Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED08 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY8CLED08 Datasheet HTML 9Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 10Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 11Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 12Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 13Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 14Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 15Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 16Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
CY8CLED08
Document Number: 001-12981 Rev. **
Page 13 of 37
Electrical Specifications
This section presents the DC and AC electrical specifications of
the CY8CLED08 EZ-Color device. For the most up to date
electrical specifications, confirm that you have the most recent
data sheet by going to the web at
http://www.cypress.com/ez-color.
Specifications are valid for -40oC
≤ T
A ≤ 85
oC and T
J ≤ 100
oC,
except where noted. Specifications for devices running at greater
than 12 MHz are valid for -40oC
≤ T
A ≤ 70
oC and T
J ≤ 82
oC.
Figure 4. Voltage versus CPU Frequency
The following table lists the units of measure that are used in this
section.
Absolute Maximum Ratings
5.25
4.75
3.00
93 kHz
12 MHz
24 MHz
CPU Frequency
Table 6. Units of Measure
Symbol
Unit of Measure
Symbol
Unit of Measure
oC
degree Celsius
μW
microwatts
dB
decibels
mA
milli-ampere
fF
femto farad
ms
milli-second
Hz
hertz
mV
milli-volts
KB
1024 bytes
nA
nanoampere
Kbit
1024 bits
ns
nanosecond
kHz
kilohertz
nV
nanovolts
k
Ω
kilohm
Ω
ohm
MHz
megahertz
pA
picoampere
M
Ω
megaohm
pF
picofarad
μA
microampere
pp
peak-to-peak
μF
microfarad
ppm
parts per million
μH
microhenry
ps
picosecond
μs
microsecond
sps
samples per second
μV
microvolts
σ
sigma: one standard deviation
μVrms
microvolts
root-mean-square
V
volts
Table 7. Absolute Maximum Ratings
Symbol
Description
Min
Typ
Max
Units
Notes
TSTG
Storage Temperature
-55
25
+100
oC
Higher storage temperatures will reduce data
retention time. Recommended storage temper-
ature is +25oC ± 25oC. Extended duration stor-
age temperatures above 65oC will degrade
reliability.
TA
Ambient Temperature with Power Applied
-40
–
+85
oC
Vdd
Supply Voltage on Vdd Relative to Vss
-0.5
–
+6.0
V
VIO
DC Input Voltage
Vss- 0.5
–
Vdd + 0.5
V
VIOZ
DC Voltage Applied to Tri-state
Vss - 0.5
–
Vdd + 0.5
V
IMIO
Maximum Current into any Port Pin
-25
–
+50
mA
IMAIO
Maximum Current into any Port Pin Config-
ured as Analog Driver
-50
–
+50
mA
ESD
Electro Static Discharge Voltage
2000
–
–
V
Human Body Model ESD.
LU
Latch-up Current
–
–
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com