Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2037AWAF Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2037AWAF
Description  High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2037AWAF Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2037AWAF Datasheet HTML 1Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 2Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 3Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 4Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 5Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 6Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 7Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 8Page - Cypress Semiconductor CY2037AWAF Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY2037
Document #: 38-07354 Rev. *D
Page 2 of 10
XG
PD#/OE
XD
CONFIGURATION
CRYSTAL
CLKOUT
/ 1, 2, 4, 8, 16, 32, 64, 128
OSCILLATOR
or FS
MUX
HIGH
ACCURACY
PLL
EPROM
Logic Block Diagram
X
Y
VD D
VD D
XD
XG
PD # /O E o r F S
N/C
CL K O U T
VSS
VSS
H o r iz ont a l sc r ib e
XX
N/C
XR
De v ic e Na m e
V e r tic al sc r ib e
Note:
Active Die Size: X = 55.9 mils / 1420.1
μm
Bond pad opening: 85
μm x 85 μm
Pad pitch: 125
μm x 125 μm
(Pad center to pad center)
Scribe: X (horizontal)= 2.6 mils / 65.6
μm
Y (vertical)= 3.0 mils / 76.9
μm
Die Pad Description
Note
2. For Customers not bonding the XD or XG pad to external pins, an alternative bonding option would be shorting the Xx pad to the XD pad
Die Pad Summary
Name
Die
Pad
Description
X Coordinate
(
μm)
Y Coordinate
(
μm)
VDD
1,2
Voltage supply
124.7
855.6 , 731
VSS
8,9
Ground
1291.35
99.6 , 225.2
XD
4
Crystal connection.
124.7
481.8
XX
3
No Connect [2]
124.7
606.4
XG
6
Crystal connection.
124.7
232.6
PD#/OE
or FS
7
CY2037A, CY2037B, and CY2037-2—EPROM programmable power
down or output enable pad. CY2037-3—Frequency Select.
Serves as VPP in programming mode for all devices.
124.7
108
CLKOUT
11
Clock output. Also serves as three-state input during programming.
1282.45
901.8
N/C
5,10
No Connect. (Do not bond to these pads)
124.7,1282.45
357.2, 769.4
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com