Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT-1/2 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # UT-1/2
Description  Silicone Coated Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

UT-1/2 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  UT-1/2 Datasheet HTML 1Page - Willow Technologies Ltd UT-1/2 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev.03/2006A
UT Series
Resistances from 0.005 to 260kOhms
Power Rating 0.1 to 13Watts
Resistance Tolerances to ± 0.01%
Low TCR: ± 20ppm/K Standard
MIL-R-26 / MIL-R-39007 Power Ratings
Temperature Range: -55°C to +350°C ( “V” Rating )
Non-Inductive Windings Available
•
•
•
•
•
•
•
SPECIFICATIONS
Specification
Value
Tolerances
±0.01%to±10%(1%Standard)
Temperature Coefficient
>10W:±20ppm/K
1Wto10W:±50ppm/K
<1W:CallFactory
TemperatureRange
-55°Cto+250°C:CharacteristicU
-55°Cto+350°C:CharacteristicV
DielectricStrength
500VAC:UT-1/UT-1/2A/UT-1/2/UT-1A
1000VAC:AllOthers
Constuction
Centerlessgroundceramiccore
Tinnedcopperorcopperweldleads
Hightemperature/trivalent/inorganicSiliconecoating
Allweldedterminations
EnvironmentalPerformance
(MIL-STD202)
D
R
CharacteristicU
CharacteristicV
Dielectric
±0.2%+0.05W
±0.2%+0.05W
LoadLife
±1%+0.05W
±3%+0.05W
Storage
±0.2%+0.05W
±2%+0.05W
MoistureResistance
±0.2%+0.05W
±2%+0.05W
ThermalShock
±0.2%+0.05W
±2%+0.05W
5XOverload(5s)
±0.2%+0.05W
±2%+0.05W
Shock
±0.1%+0.05W
±0.2%+0.05W
Vibration
±0.1%+0.05W
±0.2%+0.05W
ForNon-InductiveWindings/inserttheletter“N”(i.e.UTN-5)
PartNumber-Resistance-Tolerance-TCR(Ifnotstandard)
Example:UT-525kOhms0.1%
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
AmbientTemperature(°C)
CHAR
U
CHAR
V
PowerDeratingCurve
SiliconeCoatedPowerResistors
Ordering Information
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk


Similar Part No. - UT-1/2

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
UT-1240K-TT-R PUIAUDIO-UT-1240K-TT-R Datasheet
281Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
UT-1640K-TT-2-R PUIAUDIO-UT-1640K-TT-2-R Datasheet
275Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
UT-1640K-TT-2-R PUIAUDIO-UT-1640K-TT-2-R_V01 Datasheet
352Kb / 1P
Ultrasonic Transmitter
1/6/2020
More results

Similar Description - UT-1/2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UB-1 RIEDON-UB-1 Datasheet
273Kb / 2P
Silicone Coated Power Resistors
UTL-1 RIEDON-UTL-1 Datasheet
86Kb / 1P
Silicone Coated Power Resistors
UB3C-50RF1 RIEDON-UB3C-50RF1 Datasheet
158Kb / 2P
Miniature Silicone Coated Power Resistors
UB5C-10RF1 RIEDON-UB5C-10RF1 Datasheet
158Kb / 2P
Miniature Silicone Coated Power Resistors
UB15-1RF1 RIEDON-UB15-1RF1 Datasheet
158Kb / 2P
Miniature Silicone Coated Power Resistors
UB3C-0R1F1 RIEDON-UB3C-0R1F1 Datasheet
142Kb / 2P
Miniature Silicone Coated Power Resistors
UB3C-150RF1 RIEDON-UB3C-150RF1 Datasheet
142Kb / 2P
Miniature Silicone Coated Power Resistors
UB5C-120RF1 RIEDON-UB5C-120RF1 Datasheet
142Kb / 2P
Miniature Silicone Coated Power Resistors
UB15-15RF1 RIEDON-UB15-15RF1 Datasheet
142Kb / 2P
Miniature Silicone Coated Power Resistors
UB15-10KF1 RIEDON-UB15-10KF1 Datasheet
142Kb / 2P
Miniature Silicone Coated Power Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com