Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB128AA70DW8 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M69KB128AA70DW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA70DW8 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M69KB128AA70DW8 Datasheet HTML 17Page - STMicroelectronics M69KB128AA70DW8 Datasheet HTML 18Page - STMicroelectronics M69KB128AA70DW8 Datasheet HTML 19Page - STMicroelectronics M69KB128AA70DW8 Datasheet HTML 20Page - STMicroelectronics M69KB128AA70DW8 Datasheet HTML 21Page - STMicroelectronics M69KB128AA70DW8 Datasheet HTML 22Page - STMicroelectronics M69KB128AA70DW8 Datasheet HTML 23Page - STMicroelectronics M69KB128AA70DW8 Datasheet HTML 24Page - STMicroelectronics M69KB128AA70DW8 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
M69KB128AA
6 Synchronous operating modes
21/68
6.4
Synchronous Burst Read Interrupt
Ongoing Burst Read operations can be interrupted to start a new Burst cycle by either of the
following means:
●
Driving E High, VIH, and then Low, VIL on the next clock cycle (recommended). If
necessary, refresh cycles will be added during the new Burst operation to schedule any
outstanding refresh. If Variable Latency mode is set, additional wait cycles will be added if
a refresh operation is scheduled during the Synchronous Burst Read Interrupt. WAIT
monitoring is mandatory for proper system operation.
●
Starting a new Synchronous Burst Read operation without toggling E.
An ongoing Burst Read operation can be interrupted only after the first valid data is output.
When a new Burst access starts, I/O signals immediately become high impedance.
6.5
Synchronous Burst Write Interrupt
Ongoing Burst Write operations can be interrupted to start a new Burst cycle by either of the
following means:
●
Driving E High, VIH, and then Low, VIL on the next clock cycle (recommended),
●
Starting a new Synchronous Burst Write without toggling E. Considering that Burst Writes
are always performed in Fixed Latency mode, refresh is never scheduled. A maximum
Chip Enable, E, low time (tELEH) must be respected for proper device operation.
An ongoing Burst Write can be interrupted only after the first data is input. When a new Burst
access starts, I/O signals immediately become high impedance.
See Figure 27: Burst Read Interrupted by Burst Read or Write AC Waveforms and Figure 32:
Burst Write Interrupted by Burst Write or Read AC Waveforms for details on Burst Read and
Burst Write interrupt AC waveforms, respectively.
6.6
Synchronous Burst Read and Write Suspend
Synchronous Burst Read and Write operations can be suspended by halting the Clock K
holding it either High or Low. The status of the I/O signals will depend on the status of Output
enable input, G. The device internal address counter is suspended and data outputs become
high impedance tGHQZ after the rising edge of the Output Enable signal, G. It is prohibited to
suspend the first data output at the beginning of a Synchronous Burst Read.
See Figure 25 for details on the Synchronous Burst Read and Write Suspend mechanisms.
During Synchronous Burst Read and Synchronous Burst Write Suspend operations, the WAIT
output will be asserted. Bit BCR8 of the Bus Configuration Register is used to configure when
the transition of the WAIT output signal between the asserted and the deasserted state occurs
with respect to valid data available on the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com