Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269ZX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10F269ZX
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269ZX Datasheet(HTML) 1 Page - STMicroelectronics

  ST10F269ZX Datasheet HTML 1Page - STMicroelectronics ST10F269ZX Datasheet HTML 2Page - STMicroelectronics ST10F269ZX Datasheet HTML 3Page - STMicroelectronics ST10F269ZX Datasheet HTML 4Page - STMicroelectronics ST10F269ZX Datasheet HTML 5Page - STMicroelectronics ST10F269ZX Datasheet HTML 6Page - STMicroelectronics ST10F269ZX Datasheet HTML 7Page - STMicroelectronics ST10F269ZX Datasheet HTML 8Page - STMicroelectronics ST10F269ZX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 184 page
background image
1/184
September 2003
■ HIGH PERFORMANCE 32 OR 40 MHZ CPU WITH
DSP FUNCTION
– 16-bit CPU With 4-stage Pipeline
– 50ns (or 62.5ns) Instruction Cycle Time at 40MHz (or
32MHz) Max CPU Clock
– Multiply/accumulate Unit (Mac) 16 X 16-bit Multipli-
cation, 40-bit Accumulator
– Repeat Unit
– Enhanced Boolean Bit Manipulation Facilities
– Additional Instructions to Support HLL and Operat-
ing Systems
– Single-cycle Context Switching Support
■ MEMORY ORGANIZATION
– 128K or 256K Byte On-chip Flash Memory Single Volt-
age With Erase/program Controller
– Up to 1K Erasing/programming Cycles
– Up to 16 MByte Linear Address Space For Code And
Data (5 MBytes With CAN)
– 2K Byte On-chip Internal RAM (IRAM)
– 10K Byte On-chip Extension RAM (XRAM)
■ FAST AND FLEXIBLE BUS
– Programmable External Bus Characteristics for Dif-
ferent Address Ranges
– 8-bit or 16-bit External Data Bus
– Multiplexed or Demultiplexed External Address/data
Buses
– Five Programmable Chip-select Signals
– Hold-acknowledge Bus Arbitration Support
■ INTERRUPT
– 8-channel Peripheral Event Controller for Single Cy-
cle Interrupt Driven Data Transfer
– 16-priority-level Interrupt System with 56 Sources,
Sampling Rate Down to 25ns at 40MHz (31.25ns at
32MHz)
■ TIMERS
– Two Multi-functional General Purpose Timer Units
with 5 Timers
■ TWO 16-CHANNEL CAPTURE / COMPARE UNITS
■ A/D CONVERTER
– 16-channel 10-bit
– 4.85µs Conversion Time at 40MHz CPU Clock
(6.06µs at 32MHz)
■ 4-CHANNEL PWM UNIT
■ SERIAL CHANNELS
– Synchronous / Asynchronous Serial Channel
– High-speed Synchronous Channel
■ TWO CAN 2.0B INTERFACES OPERATING ON
ONE OR TWO CAN BUSSES (30 OR 2x15
MESSAGE OBJECTS)
■ FAIL-SAFE PROTECTION
– Programmable Watchdog Timer
– Oscillator Watchdog
■ ON-CHIP BOOTSTRAP LOADER
■ CLOCK GENERATION
– On-chip PLL
– Direct or Prescaled Clock Input
■ REAL TIME CLOCK
■ UP TO 111 GENERAL PURPOSE I/O LINES
– Individually Programmable as Input, Output or Spe-
cial Function
– Programmable Threshold (Hysteresis)
■ IDLE AND POWER DOWN MODES
■ SINGLE VOLTAGE SUPPLY: 5V ±10% (EMBEDDED
REGULATOR FOR 2.7 or 3.3 V CORE SUPPLY).
■ TEMPERATURE RANGES: -40 +125°C / -40 to 85°C
■ 144-PIN PQFP/TQFP PACKAGES
PQFP144 (28 x 28 mm) (Plastic Quad Flat Pack)
TQFP144 (20 x 20 x 1.40 mm) (Thin Quad Flat Pack)
CAN2_TXD
CAN1_TXD
CAN1_RXD
CAN2_RXD
Port 6
Port 5
Port 3
BRG
CPU-Core and MAC Unit
Internal
RAM
Watchdog
Interrupt Controller
8
32
16
PEC
16
16
CAN1
Port 7
Port 8
BRG
16
Oscillator
16
16
128K or 256KByte
and PLL
Flash Memory
XTAL1
XTAL2
2K Byte
16
15
8
8
8
16
3.3V
Voltage
Regulator
10K Byte
XRAM
CAN2
ST10F269Zx
16-BIT MCU WITH MAC UNIT,
128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
DATASHEET


Similar Part No. - ST10F269ZX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F269Z2Q3 STMICROELECTRONICS-ST10F269Z2Q3 Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
ST10F269Z2Q6 STMICROELECTRONICS-ST10F269Z2Q6 Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
More results

Similar Description - ST10F269ZX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Jun-2002
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
Feb-2002
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
Mar-2003
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
20-Aug-2012
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com