Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z1Q6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST10F269Z1Q6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1Q6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST10F269Z1Q6 Datasheet HTML 9Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 10Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 11Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 12Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 13Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 14Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 15Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 16Page - STMicroelectronics ST10F269Z1Q6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
ST10F269
3 - FUNCTIONAL DESCRIPTION
13/184
3 - FUNCTIONAL DESCRIPTION
The architecture of the ST10F269 combines
advantages of both RISC and CISC processors
and an advanced peripheral subsystem. The
block diagram gives an overview of the different
on-chip components and the high bandwidth
internal bus structure of the ST10F269.
Figure 3 : Block Diagram
P4.7 CAN2_TXD
P4.6 CAN1_TXD
P4.5 CAN1_RXD
P4.4 CAN2_RXD
Port 6
Port 5
Port 3
BRG
CPU-Core and MAC Unit
Internal
RAM
Watchdog
Interrupt Controller
8
32
16
PEC
16
16
CAN1
Port 7
Port 8
BRG
16
Oscillator
16
16
128K/256K Byte
and PLL
Flash Memory
XTAL1
XTAL2
2K Byte
16
15
8
8
8
16
3.3V
Voltage
Regulator
10K Byte
XRAM
CAN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com