Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z1T3 Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST10F269Z1T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T3 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST10F269Z1T3 Datasheet HTML 176Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 177Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 178Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 179Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 180Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 181Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 182Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 183Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 184Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 180 / 184 page
background image
23 - ORDERING INFORMATION
ST10F269
180/184
23 - ORDERING INFORMATION
Salestype
Flash Program
Memory
(Bytes)
Temperature range
Package
ST10F269Z2Q3
256K
-40°C to +125°C
PQFP144 (28 x 28 mm)
ST10F269Z2Q6
256K
-40°C to +85°C
PQFP144 (28 x 28 mm)
ST10F269Z2T3
256K
-40°C to +125°C
TQFP144 (20 x 20 x 1.40 mm)
ST10F269Z2T6
256K
-40°C to +85°C
TQFP144 (20 x 20 x 1.40 mm)
ST10F269Z1Q3
128K
-40°C to +125°C
PQFP144 (28 x 28 mm)
ST10F269Z1Q6
128K
-40°C to +85°C
PQFP144 (28 x 28 mm)
ST10F269Z1T3
128K
-40°C to +125°C
TQFP144 (20 x 20 x 1.40 mm)
ST10F269Z1T6
128K
-40°C to +85°C
TQFP144 (20 x 20 x 1.40 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com