Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z1T3 Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST10F269Z1T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T3 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST10F269Z1T3 Datasheet HTML 176Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 177Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 178Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 179Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 180Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 181Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 182Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 183Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 184Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 183 / 184 page
background image
ST10F269
3 - DEVIATIONS FROM DC/AC PRELIMINARY SPECIFICATION
183/184
2.4 - ST_PORT.3 - Bad Behavior of Hysteresis Function on Input Falling Edge
In the following conditions, a slow falling edge on a ST10F269 input may generate multiple events :
– A falling edge is occuring.
– AND the falling edge has a transition time between Vih and Vil longer than the CPU clock period.
Workaround:
Add external hardware on the ST10 input in order to have a fast falling edge (lower than 1/Fcpu).
History of Fixed Functional Problems of the ST10F269Zxxx-D
Summary of Remaining Functional Problems Known on the ST10F269Zxxx-D
3 - DEVIATIONS FROM DC/AC PRELIMINARY SPECIFICATION
Note on on-chip oscillator
The XTAL2 output is not designed to provide a valid signal when XTAL1 is supplied by an external clock
signal. It may happen, if the external clock signal is not perfectly symetrical and centered on VDD / 2, that
XTAL2 signal is not equal to XTAL1. This is due to the design of the oscillator, which has a auto-adapta-
tion gain control dedicated to external crystal.
If an external clock signal is directly provided on XTAL1 pin, then leave XTAL2 pin disconnected to
achieve the lowest consumption of the on-chip oscillator.
4 - ERRATA SHEET VERSION INFORMATION
This document was released in September 2003. It reflects the current silicon status of the
ST10F269Zxxx-D.
Name of the
Modification
Short Description
Fixed in Step
ST_PORT.2
Wrong Port Direction after Return From Power Down Mode
D
Name
Short Description
PWRDN.1
Execution of PWRDN Instruction
MAC.9
CoCMP Instruction Inverted Operands
MAC.10
E Flag Evaluation for CoSHR and CoASHR Instructions when Saturation Mode is Enabled
ST_PORT.3
Bad Behavior of Hysteresis Function on Input Falling Edge
Vih
Vil
“0”
PROBLEM
Input signal
(falling edge)
“1”
Internal
signal
t1
(t2 - t1) > 1/Fcpu
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com