Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM7375-SC Datasheet(PDF) 46 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 46 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 42Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 43Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 44Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 45Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 46Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 47Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 48Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 49Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 50Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
30
SERRB
OD
Output
36
The active low system error (SERRB) signal indicates
when the LASAR-155 detects an address parity error
or when configured as an initiator, it generates a
master abort or receives a target abort. Address parity
errors are indicated when the even parity calculation
during an address phase does not match the PAR
input. When the LASAR-155 detects a system error,
SERRB is forced low for one PCICLK period.
SERRB is enabled using a bit in the Control register in
the PCI Configuration registers space. In addition,
regardless of whether output, SERRB is enabled or
not, system errors are indicated in the Status register
in the PCI Configuration registers space.
SERRB is asserted on the rising edge of PCICLK.
SERRB is an open drain output and relies on an
external pull up resister to return to the logic one state.
PCIINTB
OD
Output
195
The active low PCI interrupt (PCIINTB) signal goes
low when a LASAR-155 interrupt source is active, and
that source is unmasked. The LASAR-155 may be
enabled to report many alarms or events via
interrupts. Examples are loss of signal (LOS), loss of
frame (LOF), line AIS, line far end receive failure
(FERF), loss of pointer (LOP), path AIS, path RDI, and
many others. PCIINTB returns high when the interrupt
is acknowledged via an appropriate register access.
PCIINTB is an open drain output.
When the PCIINTB signal asserts, the PCID Interrupt
Status and the PCID Mailbox/Microprocessor Interrupt
Status/Enable registers should be read to determine
the source of the interrupt.
PCIINTB is updated on the rising edge of PCICLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com