Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPB609AX Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB609AX
Description  Reflective Object Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB609AX Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB609AX Datasheet HTML 1Page - OPTEK Technologies OPB609AX Datasheet HTML 2Page - OPTEK Technologies OPB609AX Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Reflective Object Sensor
OPB609 Series
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
07/07
Page 1 of 3
2
1
43
0° - 20°
0.006 [0.15]
0.059 [1.50]
0.038 [0.95]
0.134 [3.40]
0.107 [2.70]
0.374 [9.5]
Min.
0.134 [3.40]
0.026 [0.65]
0.020 [0.50]
0.026 [0.65]
0.370 [9.4]
Min.
0.071 [1.80]
0.038 [0.95]
OPB609AX
OPB609GU
OPB609RA
0.005 [0.12]
Features:
OP609 emitter (940 nm IR-LED)
Unfocused for sensing diffuse surface
Low-cost plastic housing
High-speed phototransistor output
Description:
The OPB609 consists of an 940 nm, Light Emitting Diode (LED) and an NPN silicon Phototransistor, which are
mounted “side-by-side” on parallel axes in a black opaque plastic housing. This unfocused reflective object
sensor is ideal for detection of diffuse materials such as paper, labels, or anything with a matte finish.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK
for more information.
Ordering Information
Part
Number
Description
OPB609AX
Reflective Object Sensor
with IR LED
OPB609GU
OPB609RA
Applications:
Non-contact reflective object sensor
Assembly line automation
Machine automation
Machine safety
End-of-travel sensor
Door sensor
Edge detection
Paper jam detection
Mark detection
RoHS
Pin #
Function
1
Anode
2
Cathode
3
Collector
4
Emitter
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using ND
Industries’ Vibra-Tite for thread-locking.
Vibra-Tite
evaporates fast without causing
structural failure in OPTEK’s molded plastics.


Similar Part No. - OPB609AX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB609AX TTELEC-OPB609AX Datasheet
202Kb / 3P
Reflective Object Sensor
More results

Similar Description - OPB609AX

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
REFLECTIVE OBJECT SENSOR
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
Reflective Object Sensor
Jun-1996
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
Reflective Object Sensor
1/16
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
Reflective Object Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com