Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB11850VA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB11850VA
Description  Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11850VA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB11850VA Datasheet HTML 1Page - Sanyo Semicon Device LB11850VA Datasheet HTML 2Page - Sanyo Semicon Device LB11850VA Datasheet HTML 3Page - Sanyo Semicon Device LB11850VA Datasheet HTML 4Page - Sanyo Semicon Device LB11850VA Datasheet HTML 5Page - Sanyo Semicon Device LB11850VA Datasheet HTML 6Page - Sanyo Semicon Device LB11850VA Datasheet HTML 7Page - Sanyo Semicon Device LB11850VA Datasheet HTML 8Page - Sanyo Semicon Device LB11850VA Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LB11850VA
No.A0609-2/14
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC maximum supply voltage
VCC max
18
V
OUTN pin maximum output current
IOUTN max
20
mA
OUTP pin maximum sink current
IOUTP max
20
mA
OUT pin output withstand voltage
VOUT max
18
V
HB maximum output current
HB
10
mA
CTL, C pin withstand voltage
CTL, C max
7V
CVI, LIM pin withstand voltage
CVI, LIM max
7V
RD/FD output pin output withstand voltage
FG max
19
V
RD/FG output current
FG max
10
mA
5VREG pin maximum output current
I5VREG max
10
mA
Allowable power dissipation
Pd max
Mounted on a specified board *
0.9
W
Operating temperature range
Topr
-30 to +95
°C
Storage temperature range
Tstg
-55 to +150
°C
Note *1: Mounted on a specified board: 114.3mm
×76.1mm×1.6mm, glass epoxy.
Note *2: Tj max = 150
°C. Use the device in a condition that the chip temperature does not exceed Tj = 150°C during operation.
Recommended Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage 1
VCC1
VCC pin
5.5 to 16
V
VCC supply voltage 2
VCC2
When VCC-5VREG shorted
4.5 to 5.5
V
CTL input voltage range
VCTL
0 to 5VREG
V
LIM input voltage range
VLIM
0 to 5VREG
V
VCI input voltage range
VCVI
0 to 5VREG
V
Hall input common phase input voltage
range
VICM
0.2 to 3
V
Electrical Characteristics at Ta = 25
°C, VCC = 12V, unless otherwise specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
ICC1
During drive
12
15
mA
Circuit current
ICC2
During lock protection
12
15
mA
5VREG voltage
5VREG
I5VREG = 5mA
4.8
5.0
5.2
V
HB voltage
VHB
IHB = 5mA
1.05
1.20
1.35
V
Current limiter voltage
VLIM
190
210
230
mV
CPWM pin H level voltage
VCRH
2.8
3.0
3.2
V
CPWM pin L level voltage
VCRL
0.9
1.1
1.3
V
CPWM pin charge current
ICPWM1
VCPWM = 0.5V
24
30
36
µA
CPWM pin discharge current
ICPWM2
VCPWM = 3.5V
21
27
33
µA
CPWM oscillation frequency
FPWM
C = 220pF
30
kHz
CT pin H level voltage
VCTH
2.8
3.0
3.2
V
CT pin L level voltage
VCTL
0.9
1.1
1.3
V
CT pin charge current
ICT1
VCT = 2V
1.6
2.0
2.5
µA
CT pin discharge current
ICT2
VCT = 2V
0.16
0.20
0.25
µA
CT pin charge/discharge current ratio
RCT
ICT1/ICT2
8
10
12
times
OUTN pin output H voltage
VONH
IO = 10mA
VCC-0.85
VCC-1.0
V
OUTN pin output L voltage
VONL
IO = 10mA
0.9
1.0
V
OUTP pin output L voltage
VOPL
IO = 10mA
0.5
0.65
V
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com