Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9673D Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9673D
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9673D Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9673D Datasheet HTML 14Page - NXP Semiconductors PCA9673D Datasheet HTML 15Page - NXP Semiconductors PCA9673D Datasheet HTML 16Page - NXP Semiconductors PCA9673D Datasheet HTML 17Page - NXP Semiconductors PCA9673D Datasheet HTML 18Page - NXP Semiconductors PCA9673D Datasheet HTML 19Page - NXP Semiconductors PCA9673D Datasheet HTML 20Page - NXP Semiconductors PCA9673D Datasheet HTML 21Page - NXP Semiconductors PCA9673D Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
PCA9673_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
18 of 33
NXP Semiconductors
PCA9673
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset
10.3 Differences between the PCA9673 and the PCF8575
The PCA9673 is a drop in replacement for the PCF8575 and can used without electrical
or software modifications, but there is a difference in interrupt output release timing during
the read operation.
Write operations are identical. At the completion of each 8-bit write sequence the data is
stored in its associated 8-bit write register at ACK or NACK. The first byte goes to P0n
while the second goes to P1n. Subsequent writes without a STOP wrap around to P0n
then P1n again. Any write will update both read registers and clear interrupts.
Read operations are identical. Both devices update the byte register with the pin data as
each 8-bit read is initiated, the very first read after an address cycle corresponds to ports
P0n while the second (even byte) corresponds to P1n and subsequent reads without a
STOP wrap around to P0n then P1n again.
During read operations, the PCA9673 interrupt output will be cleared in a byte-wise
fashion as each byte is read. Reading the first byte will clear any interrupts associated
with the P0n pins. This first byte read operation will have no effect on interrupts associated
with changes of state on the P1n pins. Interrupts associated with the P1n pins will be
cleared when the second byte is read. Reading the second byte has no effect on
interrupts associated with the changes of state on the P0x pins. The PCF8575 interrupt
output will clear after reading both bytes of data regardless of whether data was changed
in the first byte or the second byte or both bytes.
11. Limiting values
[1]
Total package (maximum) output current is 600 mA.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6
V
IDD
supply current
-
±100
mA
ISS
ground supply current
-
±600
mA
VI
input voltage
VSS − 0.5
5.5
V
II
input current
-
±20
mA
IO
output current
-
±50[1]
mA
Ptot
total power dissipation
-
600
mW
P/out
power dissipation per output
-
200
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com