Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9675DB Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCA9675DB
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9675DB Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCA9675DB Datasheet HTML 22Page - NXP Semiconductors PCA9675DB Datasheet HTML 23Page - NXP Semiconductors PCA9675DB Datasheet HTML 24Page - NXP Semiconductors PCA9675DB Datasheet HTML 25Page - NXP Semiconductors PCA9675DB Datasheet HTML 26Page - NXP Semiconductors PCA9675DB Datasheet HTML 27Page - NXP Semiconductors PCA9675DB Datasheet HTML 28Page - NXP Semiconductors PCA9675DB Datasheet HTML 29Page - NXP Semiconductors PCA9675DB Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
PCA9675_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
26 of 34
NXP Semiconductors
PCA9675
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt
Fig 29. Package outline SOT556-1 (SSOP24)
UNIT
A1
A2
A3
HE
Lp
bp
cD(1)
E(1)
Z(1)
eL
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.25
0.10
1.55
1.40
0.25
0.31
0.20
0.25
0.18
8.8
8.6
4.0
3.8
0.635
1
6.2
5.8
0.89
0.41
1.05
0.66
8
0
o
o
8
0
o
o
0.18
0.25
0.1
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
Note
1. Plastic or metal protrusions of 0.2 mm (0.008 inch) maximum per side are not included.
SOT556-1
99-12-27
03-02-18
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
1
12
24
13
θ
A
A1
A2
L p
detail X
L
(A )
3
MO-137
0
2.5
5 mm
scale
SSOP24: plastic shrink small outline package; 24 leads; body width 3.9 mm; lead pitch 0.635 mm
SOT556-1
A
max.
1.73
inches
0.0098
0.0040
0.061
0.055
0.01
0.012
0.008
0.0098
0.0075
0.344
0.337
0.157
0.150
0.025
0.041
0.244
0.228
0.035
0.016
0.040
0.026
0.007
0.01
0.004
0.068



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com