Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC87F5LP6A Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC87F5LP6A
Description  CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5LP6A Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC87F5LP6A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 13Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 14Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 15Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 16Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 17Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 18Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 19Page - Sanyo Semicon Device LC87F5LP6A Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LC87F5LP6A
No.A0664-16/28
Electrical Characteristics at Ta = -20°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4= 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
IIH(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports A, B, C
SI2P0 to SI2P3
RES
PWM0, PWM1
Output disable
Pull-up resistor OFF
VIN=VDD
(including the off-leak current of the
output Tr.)
2.5 to 5.5
1
IIH(2)
XT1, XT2
Using as an input port
VIN=VDD
2.5 to 5.5
1
High level input
current
IIH(3)
CF1
VIN=VDD
2.5 to 5.5
15
IIL(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports A, B, C, E, F
SI2P0 to SI2P3
RES
PWM0, PWM1
Output disable
Pull-up resistor OFF
VIN=VSS
(including the off-leak current of the
output Tr.)
2.5 to 5.5
-1
IIL(2)
XT1, XT2
Using as an input port
VIN=VSS
2.5 to 5.5
-1
Low level input
current
IIL(3)
CF1
VIN=VSS
2.5 to 5.5
-15
µA
VOH(1)
IOH=-1.0mA
4.5 to 5.5
VDD-1
VOH(2)
IOH=-0.4mA
3.0 to 5.5
VDD
-0.4
VOH(3)
Ports 0, 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P
IOH=-0.2mA
2.5 to 5.5
VDD
-0.4
VOH(4)
IOH=-0.4mA
3.0 to 5.5
VDD
-0.4
VOH(5)
Ports 71, 72, 73
IOH=-0.2mA
2.5 to 5.5
VDD
-0.4
VOH(6)
IOH=-10mA
4.5 to 5.5
VDD
-1.5
VOH(7)
IOH=-1.6mA
3.0 to 5.5
VDD
-0.4
High level output
voltage
VOH(8)
PWM0, PWM1
P30, P31(PWM4, 5
output mode)
IOH=-1.0mA
2.5 to 5.5
VDD
-0.4
VOL(1)
IOL=10mA
4.5 to 5.5
1.5
VOL(2)
IOL=1.6mA
3.0 to 5.5
0.4
VOL(3)
Ports 0, 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
PWM0, PWM1,
IOL=1.0mA
2.5 to 5.5
0.4
VOL(4)
IOL=30mA
4.5 to 5.5
1.5
VOL(5)
IOL=5.0mA
3.0 to 5.5
0.4
VOL(6)
P00, P01
IOL=2.5mA
2.5 to 5.5
0.4
VOL(7)
IOL=1.6mA
3.0 to 5.5
0.4
Low level output
voltage
VOL(8)
Ports 7, 8, XT2
IOL=1.0mA
2.5 to 5.5
0.4
V
Rpu(1)
4.5 to 5.5
15
35
80
Pull-up resistation
Rpu(2)
Ports 0, 1, 2, 3
Port 7
Ports A, B, C, E, F
VOH=0.9VDD
4.5 to 5.5
15
35
120
k
Ω
Hysteresis voltage
VHYS
RES
Ports 1, 2, 7
SI2P0 to SI2P3
2.5to 5.5
0.1VDD
V
Pin capacitance
CP
All pins
• For pins other than that under
test: VIN=VSS
• f=1MHz
• Ta=25°C
2.5 to 5.5
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com