Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3HDMI412AD Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3HDMI412AD
Description  1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI412AD Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3HDMI412AD Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI412AD Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS884E
01/18/07
Block Diagram
PI3HDMI412AD
1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced
Re-Driver Functionality for Enhanced Signal Integrity
Features
• Supply voltage, VDD = 3.3V ±5%
• Compatible w/ DVI, HDMI 1.1, 1.2, and 1.3 signals
• Supports both AC-coupled and DC-coupled inputs
• 1:2 Demux
• Supports Deep Color, up to 12-bits per channel
• Configurable output swing control (500mV, 750mV, 1000mV)
• Configurable Pre-Emphasis levels (0dB, 1.5dB, 3.5dB, 6.0dB)
• Configurable De-Emphasis (0dB, -1.5dB, -3.5dB, -6.0dB)
• Configurable Equalization (1dB,3.5dB, 6dB, 8dB)
• Data Rate = 2.5Gbps (Max)
• ESD protection = 6kV (Typ)
• Inputs w/ built-in termination
• Propagation delay < 2ns input
• Uni-Directional
• Packaging (Pb-free & Green): 56-pad TQFN (ZB56)
Description
Pericom Semiconductor’s PI3HDMI412AD, active-drive switch
solution is targeted for high-resolution video networks that are
based on DVI/HDMI standards, and TMDS signal processing.
The PI3HDMI412AD is an active single TMDS channel to two
TMDS channe DeMux with Hi-Z outputs. The device drives
differential signals to multiple video display units. It provides
three controllable output swing levels that can be controlled
through pin control or I2C control, depending on the mode
select pin. The swing levels are 500mV, 700mV & 1000mV.
This solution also provides a unique advanced pre-emphasis
technique to increase rise and fall times which are reduced during
transmission across long distances.
The maximum DVI/HDMI data rate of 1.65Gbps provides a
1920x1080 resolution required by the next Gen HDTV and PC
graphics products. Due to its active uni-directional feature, this
switch is de-signed for usage only for the video driver’s side. For
PC graphics application, the device sits at the driver’s side to
switch between multiple display units, such as PC LCD monitor,
projector, TV, etc.
PI3HDMI412AD is the industry’s first active DVI/HDMI
compliant switch, which ensures transmitting high bandwidth
video streams from PC graphics source to end display units.
PI3HDMI412AD will also provide enhanced robust ESD/EOS
protection of 8kV contact, which is required by many consumer
video networks today.
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
D2+A
D2-A
GND
D3+A
D3-A
VDD
D0+B
D0-B
GND
D1+B
D1-B
GND
D2+B
15 16 17 18 19 20 21 22 23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47 46 45 44 43
MS
VDD
GND
D0+
D0-
VDD
D1+
D1-
D2+
D2-
VDD
D3-
D3-
GND
GND
D0-A
D0+A
D1-A
D1+A
D2-A
D2+A
D3-A
D3+A
D0-B
D0+B
D1-B
D1+B
D2-B
D2+B
D3-B
D3+B
D3-
D3+
D2-
D2+
D1-
D1+
D0-
D0+
D0-A
D0+A
D1-A
D1+A
D2-A
D2+A
Control
Logic
D0-B
D0+B
D1-B
D1+B
D2-B
D2+B
D3-B
D3+B
D3-A
D3+A
Pre-emphasis
and Output
Swing Control
Circuitry
Pre-emphasis
and Output
Swing Control
Circuitry
07-0013


Similar Part No. - PI3HDMI412AD

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI412-A PERICOM-PI3HDMI412-A Datasheet
440Kb / 11P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-ABE PERICOM-PI3HDMI412-ABE Datasheet
440Kb / 11P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-AZHE PERICOM-PI3HDMI412-AZHE Datasheet
440Kb / 11P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-B PERICOM-PI3HDMI412-B Datasheet
596Kb / 9P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-BAE PERICOM-PI3HDMI412-BAE Datasheet
596Kb / 9P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
More results

Similar Description - PI3HDMI412AD

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ART PERICOM-PI3HDMI341ART Datasheet
740Kb / 11P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI412FT-A PERICOM-PI3HDMI412FT-A Datasheet
874Kb / 12P
2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI431AR PERICOM-PI3HDMI431AR Datasheet
403Kb / 11P
3:1 Active HDMITM Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI412FT-B PERICOM-PI3HDMI412FT-B Datasheet
712Kb / 12P
2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
logo
Texas Instruments
SN75DP130 TI1-SN75DP130 Datasheet
2Mb / 31P
DisplayPort1:1 Re-Driver with Link Training
APRIL2011
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Pericom Semiconductor C...
PI3HDMI301 PERICOM-PI3HDMI301 Datasheet
632Kb / 16P
3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
PI3HDX412BD PERICOM-PI3HDX412BD Datasheet
1Mb / 20P
HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PI3VDP612 PERICOM-PI3VDP612 Datasheet
1,010Kb / 15P
High Bandwidth 6-differential Channel, 1:2 Demux for DisplayPortTM rev 1.1a Signal Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com