Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABS2UTR Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # ABS2UTR
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGERECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ABS2UTR Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  ABS2UTR Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ABS2UTR Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ABS2UTR Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ABS2UTR Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ABS2UTR Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Data Sheet N1812, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
ABS2U
THRU
ABS10U
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Ordering Information
Marking Diagram
Device
Package
Plating
Shipping
ABS2U
THRU
ABS10U
ABS
Pure Sn
5000pcs / reel
ABS2UTR
THRU
ABS10UTR
ABS
Pure Sn
5000pcs / reel
Carrier Tape Specification ABS
SYMBOL
Millimeters
Min.
Max.
A0
5.21
5.41
B0
7.10
7.30
D0
1.50
1.60
D1
1.40
1.60
P0
3.90
4.10
P1
7.90
8.10
P2
1.95
2.05
E
1.65
1.85
K0
1.55
1.75
F
5.45
5.55
W
11.90
12.10
T
0.24
0.30
10P0
39.80
40.20
Where XXXXX is YYWWL
ABS2U
= Type Number
ABS2UH
= Marking Code
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
ABS2U
ABS2U-HF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com