Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSZ9897R Datasheet(PDF) 22 Page - Microchip Technology

Part # KSZ9897R
Description  7-Port Gigabit Ethernet Switch with Two RGMII/MII/RMII Interfaces
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9897R Datasheet(HTML) 22 Page - Microchip Technology

Back Button KSZ9897R Datasheet HTML 18Page - Microchip Technology KSZ9897R Datasheet HTML 19Page - Microchip Technology KSZ9897R Datasheet HTML 20Page - Microchip Technology KSZ9897R Datasheet HTML 21Page - Microchip Technology KSZ9897R Datasheet HTML 22Page - Microchip Technology KSZ9897R Datasheet HTML 23Page - Microchip Technology KSZ9897R Datasheet HTML 24Page - Microchip Technology KSZ9897R Datasheet HTML 25Page - Microchip Technology KSZ9897R Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 196 page
background image
KSZ9897R
DS00002330E-page 22
 2022 Microchip Technology Inc. and its subsidiaries
For 1000BASE-T mode, auto-negotiation is always required to establish a link. During 1000BASE-T auto-negotiation,
the master and slave configuration is first resolved between link partners. Then the link is established with the highest
common capabilities between link partners.
Auto-negotiation is enabled by default after power-up or hardware reset. Afterwards, auto-negotiation can be enabled
or disabled via bit 12 of the PHY Basic Control Register. If auto-negotiation is disabled, the speed is set by bits 6 and
13 of the PHY Basic Control Register, and the duplex is set by bit 8.
If the speed is changed on the fly, the link goes down and either auto-negotiation or parallel detection initiate until a
common speed between the KSZ9897R and its link partner is re-established for a link.
If link is already established and there is no change of speed on the fly, the changes (for example, duplex and pause
capabilities) will not take effect unless either auto-negotiation is restarted through bit 9 of the PHY Basic Control Regis-
ter, or a link-down to link-up transition occurs (i.e. disconnecting and reconnecting the cable).
After auto-negotiation is completed, the link status is updated in the PHY Basic Status Register, and the link partner
capabilities are updated in the PHY Auto-Negotiation Link Partner Ability Register, PHY Auto-Negotiation Expansion
Status Register, and PHY 1000BASE-T Status Register.
4.1.8
FAST LINK-UP
Link up time is normally determined by the time it takes to complete auto-negotiation. Additional time may be added by
the auto MDI/MDI-X feature. The total link up time from power-up or cable connect is typically a second or more.
Fast Link-up mode significantly reduces 100BASE-TX link-up time by disabling both auto-negotiation and auto MDI/
MDI-X, and fixing the TX and RX channels. This mode is enabled or disabled by the LED2_1 strapping option. It is not
set by registers, so fast link-up is available immediately upon power-up. Fast Link-up is available at power-up only for
100BASE-TX link speed, which is selected by strapping the LED4_0 pin high. Fast Link-up is also available for 10BASE-
Te, but this link speed must first be selected via a register write.
Fast Link-up is intended for specialized applications where both link partners are known in advance. The link must also
be known so that the fixed transmit channel of one device connects to the fixed receive channel of the other device, and
vice versa. The TX and RX channel assignments are determined by the MDI/MDI-X strapping option on LED2_0.
If a device in Fast Link-up mode is connected to a normal device (auto-negotiate and auto-MDI/MDI-X), there will be no
problems linking, but the speed advantage of Fast Link-up will not be realized.
For more information on configuration straps, refer to Section 3.2.1, "Configuration Straps," on page 16.
4.1.9
LinkMD® CABLE DIAGNOSTICS
The LinkMD® function utilizes Time Domain Reflectometry (TDR) to analyze the cabling for common cabling problems,
such as open circuits, short circuits and impedance mismatches.
LinkMD® works by sending a pulse of known amplitude and duration down the MDI or MDI-X pair, and then analyzing
the shape of the reflected signal to determine the type of fault. The time duration for the reflected signal to return pro-
vides the approximate distance to the cabling fault. The LinkMD® function processes this TDR information and presents
it as a numerical value that can be translated to a cable distance.
A LinkMD test is initiated individually for each PHY and for a specific PHY differential pair.
4.1.9.1
Usage
To run a LinkMD test on all four pairs of one PHY, follow this flow.
1.
Disable auto-negotiation: Write 0 to of register 0xN100-0xN101 bit 12.
2.
Configure register 0xN112-0xN113 to enable master-slave manual configuration mode.
3.
Start cable diagnostic by writing 1 to register 0xN124-0xN125 bit 15. This enable bit is self-clearing.
4.
Wait (poll) for register 0xN124-0xN125 bit 15 to return 0, which indicates that the cable diagnostic test is com-
pleted. Alternatively, wait 250ms.
5.
Read cable diagnostic test status in register 0xN124-0xN125 bits [9-8]. The results are:
a) 00 = normal operation
b) 01 = open condition detected in cable (valid result)
c)
10 = short condition detected in cable (valid result)
d) 11 = cable diagnostic test invalid (test failed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com