Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX7220 Datasheet(PDF) 4 Page - Microchip Technology

Part # LX7220
Description  2.7V to 5.5V, 6A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX7220 Datasheet(HTML) 4 Page - Microchip Technology

  LX7220 Datasheet HTML 1Page - Microchip Technology LX7220 Datasheet HTML 2Page - Microchip Technology LX7220 Datasheet HTML 3Page - Microchip Technology LX7220 Datasheet HTML 4Page - Microchip Technology LX7220 Datasheet HTML 5Page - Microchip Technology LX7220 Datasheet HTML 6Page - Microchip Technology LX7220 Datasheet HTML 7Page - Microchip Technology LX7220 Datasheet HTML 8Page - Microchip Technology LX7220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LX7220
DS20006704A-page 4
 2022 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
VIN, SW to GND............................................................................................................................................ -0.3V to +7V
AVIN, VOUT, SDA, SCL, EN, PGOOD to GND............................................................................................. -0.3V to +7V
SW to GND (Shorter than 50 ns)...................................................................................................................... -2V to +7V
Maximum Junction Temperature ...........................................................................................................................+150°C
Lead Soldering Temperature (30s, reflow) ............................................................................................... +260 (+0, -5)°C
Storage Temperature...............................................................................................................................-65°C to +150°C
Operating Ratings ‡
VIN ........................................................................................................................................................... +2.7V to +5.5V
Ambient Temperature ................................................................................................................................-40°C to +85°C
Output Current .................................................................................................................................................... 0A to 6A
†Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
‡Notice: The device is not guaranteed to function outside its operating ratings.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, TA = 25°C, VIN = VEN = 5V, SDA = SCL = 5V, default register
settings. Bold specifications apply over the TA range of -40°C to +85°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Voltage
Input Current
IQ
200
440
600
μAILOAD = 0, PSM enabled
Input Current at Shut Down
IIN
—0.1
14
μA
EN = GND, TA = 25°C
Input Current I2C Shut Down
IIN_I2C
—
100
120
μA
VSEL(7) = low, EN = high
Undervoltage Rising Threshold
UVLO
—
2.6
2.89
VVIN rising
UVLO Hysteresis
UVLOHYST
—0.26
—
V
Overvoltage Rising Threshold
OVPR
6.05
—
6.40
V
Overvoltage Falling Hysteresis
OVPF
—0.2
—
V
Reference Voltage
VREF Slew Rate
TSS
—0.8
—
mV/μs SLEW: Ctrl2(2:1) = 01
Hiccup Time
THICCUP
—9.8
—
ms
VOUT = 0.2V
Output Voltage
Default VOUT
VOUT
0.94
0.95
0.959
V
VOUT = 0.95V (VIN = 2.7V – 5V)
VSEL = 40h
VOUT I2C VSEL
0.743
0.75
0.758
V
VOUT = 0.75V (VIN = 2.7V – 5V),
VSEL = 20h
0.741
0.75
0.759
V
VOUT = 0.75V (VIN = 2.7V – 5V),
VSEL = 20h, –10°C ≤ TA ≤ +85°C
1.185
1.197
1.209
V
VOUT = 1.197V (VIN = 2.7V – 5V),
VSEL = 7Fh
Line Regulation
—
—
0.1
—
%
VIN from 3V to 5.5V, ILOAD = 1A
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com