Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1017 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 3 Page - Microchip Technology

  TC1017 Datasheet HTML 1Page - Microchip Technology TC1017 Datasheet HTML 2Page - Microchip Technology TC1017 Datasheet HTML 3Page - Microchip Technology TC1017 Datasheet HTML 4Page - Microchip Technology TC1017 Datasheet HTML 5Page - Microchip Technology TC1017 Datasheet HTML 6Page - Microchip Technology TC1017 Datasheet HTML 7Page - Microchip Technology TC1017 Datasheet HTML 8Page - Microchip Technology TC1017 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2005-2023 Microchip Technology Inc. and its subsidiaries
DS20001813G-page 3
TC1017
Power Supply Rejection Ratio
PSRR
58
dB
f =1 kHz, IL = 50 mA
Wake-Up Time
(from Shutdown mode)
tWK
—10
µs
VIN = 5V, IL = 60 mA,
CIN = COUT =1 µF,
f = 100 Hz
Settling Time
(from Shutdown mode)
tS
—32
µs
VIN = 5V, IL = 60 mA,
CIN = 1 µF,
COUT = 1 µF, f = 100 Hz
Output Short-Circuit Current
IOUTSC
120
mA
VOUT = 0V, Average
Current (Note 8)
Thermal Regulation
VOUT/PD
—0.04
V/W
Notes 6, 7
Thermal Shutdown Die
Temperature
TSD
160
°C
Thermal Shutdown Hysteresis
TSD
—10
°C
Output Noise
eN
800
nV/
Hz f = 10 kHz
SHDN Input High Threshold
VIH
45
——
%VIN
VIN = 2.7V to 6.0V
SHDN Input Low Threshold
VIL
——
15
%VIN
VIN = 2.7V to 6.0V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
The minimum V
IN has to meet two conditions: VIN  2.7V and VIN  (VR + 2.5%) + VDROPOUT.
2:
V
R is the regulator voltage setting. For example: VR = 1.8V, 2.7V, 2.8V, 3.0V.
3:
4:
Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
5:
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal
value at a 1V differential.
6:
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for t = 10 msec.
7: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction-to-air (i.e., T
A, TJ, JA). Exceeding the maximum allowable power
dissipation causes the device to initiate thermal shutdown. Please see Section 5.1 “Thermal Shutdown”, for more
details
.
8: Output current is limited to 120 mA (typ) when V
OUT is less than 0.5V due to a load fault or short-circuit condition.
TCVOUT
VOUTMAX VOUTMIN
 10
6
VOUT
T
--------------------------------------------------------------------------------------
=
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = +2.7V to +6.0V and VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
Extended Temperature parts
Operating Temperature Range
TA
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances3
Thermal Resistance, 5L-SOT23
JA
255
°C/W
Thermal Resistance, 5L-SC-70
JA
450
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com