Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1262 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1262
Description  500 mA Fixed Output CMOS LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1262 Datasheet(HTML) 3 Page - Microchip Technology

  TC1262_V01 Datasheet HTML 1Page - Microchip Technology TC1262_V01 Datasheet HTML 2Page - Microchip Technology TC1262_V01 Datasheet HTML 3Page - Microchip Technology TC1262_V01 Datasheet HTML 4Page - Microchip Technology TC1262_V01 Datasheet HTML 5Page - Microchip Technology TC1262_V01 Datasheet HTML 6Page - Microchip Technology TC1262_V01 Datasheet HTML 7Page - Microchip Technology TC1262_V01 Datasheet HTML 8Page - Microchip Technology TC1262_V01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2002-2023 Microchip Technology Inc. and its subsidiaries
DS20001373D-page 3
TC1262
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
The TC1262 is a precision, fixed output LDO. Unlike
bipolar regulators, the TC1262’s supply current does
not increase with load current. In addition, VOUT
remains stable and within regulation over the entire
0mA to ILOADMAX load current range (an important
consideration in RTC and CMOS RAM battery back-up
applications).
Figure 3-1 shows a typical application circuit.
FIGURE 3-1:
TYPICAL APPLICATION
CIRCUIT
3.1
Output Capacitor
A 1 μF (min) capacitor from VOUT to ground is required.
The output capacitor should have an effective series
resistance greater than 0.1Ω and less than 5Ω, and a
resonant frequency above 1 MHz. A 1 μF capacitor
should be connected from VIN to GND if there is more
than 10 inches of wire between the regulator and the
AC filter capacitor, or if a battery is used as the power
source. Aluminum electrolytic or tantalum capacitor
types can be used. (Since many aluminum electrolytic
capacitors freeze at approximately -30°C, solid
tantalums are recommended for applications operating
below -25°C.) When operating from sources other than
batteries,
supply-noise
rejection
and
transient
response can be improved by increasing the value of
the input and output capacitors and employing passive
filtering techniques.
Pin No.
(3-Pin SOT-223)
(3-Pin TO-220)
(3-Pin DDPAK)
Symbol
Description
1VIN
Unregulated supply input.
2
GND
Ground terminal.
3VOUT
Regulated voltage output.
C1
1
μF
Battery
TC1262
VIN
VOUT
C2
1
μF
GND
VOUT
+
+
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com