Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1017-3.3VCTTR Datasheet(PDF) 15 Page - Microchip Technology

Part # TC1017-3.3VCTTR
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017-3.3VCTTR Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC1017-3.3VCTTR Datasheet HTML 11Page - Microchip Technology TC1017-3.3VCTTR Datasheet HTML 12Page - Microchip Technology TC1017-3.3VCTTR Datasheet HTML 13Page - Microchip Technology TC1017-3.3VCTTR Datasheet HTML 14Page - Microchip Technology TC1017-3.3VCTTR Datasheet HTML 15Page - Microchip Technology TC1017-3.3VCTTR Datasheet HTML 16Page - Microchip Technology TC1017-3.3VCTTR Datasheet HTML 17Page - Microchip Technology TC1017-3.3VCTTR Datasheet HTML 18Page - Microchip Technology TC1017-3.3VCTTR Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2005-2023 Microchip Technology Inc. and its subsidiaries
DS20001813G-page 15
TC1017
6.0
PACKAGE INFORMATION
6.1
Package Marking Information
5-Pin SC-70/SC-70R
Top Side
Bottom Side
XX
N
YW W
XX
N
Part Number
TC1017 Pinout
Code
TC1017R Pinout
Code
TC1017 – 1.8VLT
CE
CU
TC1017 – 1.85VLT
CQ
DF
TC1017 – 1.9VLT
CB
TC1017 – 2.5VLT
CR
CV
TC1017 – 2.6VLT
CF
CW
TC1017 – 2.7VLT
CG
CX
TC1017 – 2.8VLT
CH
CY
TC1017 – 2.85VLT
CJ
CZ
TC1017 – 2.9VLT
CK
DA
TC1017 – 3.0VLT
CL
DB
TC1017 – 3.2VLT
CC
DC
TC1017 – 3.3VLT
CM
DD
TC1017 – 4.0VLT
CP
DE
5-Pin SC-70/SC-70R
N
Legend: XX...X
Customer-specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
OR
5-Lead SOT-23
XXNN
Part Number
Code
TC1017 – 1.8VCT
DA
TC1017 – 1.85VCT
DK
TC1017 – 2.6VCT
DB
TC1017 – 2.7VCT
DC
TC1017 – 2.8VCT
DD
TC1017 – 2.85VCT
DE
TC1017 – 2.9VCT
DF
TC1017 – 3.0VCT
DG
TC1017 – 3.3VCT
DH
TC1017 – 4.0VCT
DJ
Example:
DANN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com