Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C256B Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C256B
Description  5V 32K X 8 CMOS SRAM (Common I/O)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256B Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C256B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2006
Advance Information
Copyright © Alliance Memory. All rights reserved.
AS7C256B
12/5/06; V.1.0
Alliance Memory
P. 1 of 8
5V 32K X 8 CMOS SRAM (Common I/O)
®
Features
• Industrial (-40o to 85oC) temperature
• Organization: 32,768 words × 8 bits
• High speed
- 12 ns address access time
- 6 ns output enable access time
• Low power consumption via chip deselect
• One chip select plus one Output Enable pin
• Bidirectional data inputs and outputs
• TTL-compatible
• 28-pin JEDEC standard packages
- 300 mil SOJ
-8
× 13.4 mm TSOP
- 300 mil PDIP
• ESD protection
≥ 2000 volts
Logic block diagram
A
9
A
8
32,768 X 8
Array
(262,144)
Input buffer
A0
A1
A2
A3
A4
A5
A6
A7
A
10
A
11
A
12
A
13
A
14
I/O0
I/O7
VCC
GND
OE
CE
WE
Address decoder
Control
circuit
Pin arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
AS7C256B
16
15
28-pin TSOP 1 (8×13.4mm)
28-pin DIP, SOJ (300 mil)
Note: This part is compatible with both pin numbering
conventions used by various manufacturers.
(21)
(20)
(19)
(18)
(17)
(16)
(15)
(14)
(13)
(12)
(11)
(10)
(9)
(8)
(22)
(23)
(24)
(25)
(26)
(27)
(28)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
16
15


Similar Part No. - AS7C256B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C256 ALSC-AS7C256 Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
AS7C256-10 ALSC-AS7C256-10 Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
AS7C256-10JC ALSC-AS7C256-10JC Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
AS7C256-10PC ALSC-AS7C256-10PC Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
AS7C256-10SC ALSC-AS7C256-10SC Datasheet
125Kb / 8P
High Performance 32Kx8 CMOS SRAM
More results

Similar Description - AS7C256B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
CMOS 32K x 8 ZEROPOWER SRAM
Jul-1994
logo
Alliance Semiconductor ...
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
5V/3.3V 32K x 6 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
5V 32K x 16 CMOS SRAM
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
3.3V 32K X 8 CMOS SRAM (Common I/O)
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
CMOS 32K x 8 TIMEKEEPER SRAM
Jul-1995
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
126Kb / 13P
32K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
5V 256K X 4 CMOS SRAM (Common I/O)
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
32K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com