Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C4098A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C4098A
Description  5.0 V 256 K 횞 16 CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4098A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C4098A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4098A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
®
AS7C4098A
2/21/06, v 1.2
Alliance Semiconductor
P. 4 of 11
Key to switching waveforms
Read waveform 1 (address controlled)5,6,8
Read cycle (over the operating range)2,8
Parameter
Symbol
–10
–12
–15
–20
Unit Notes
Min
Max
Min Max Min Max Min Max
Read cycle time
tRC
10
12–15–20–
ns
Address access time
tAA
10
12–15–20
ns
Chip enable (CE) access time
tACE
10
12–15–20
ns
Output enable (OE) access time
tOE
5
–6–6–6
ns
Output hold from address change
tOH
3
3–3–3–
ns
4
CE Low to output in low Z
tCLZ
3
3–3–3–
ns
3, 4
CE High to output in high Z
tCHZ
5
–6–7–9
ns
3, 4
OE Low to output in low Z
tOLZ
0
0–0–0–
ns
3, 4
OE High to output in high Z
tOHZ
5
–6–7–9
ns
3, 4
LB, UB access time
tBA
5
–6–7–8
ns
LB, UB Low to output in low Z
tBLZ
0
0–0–0–
ns
LB, UB High to output in high Z
tBHZ
5
–6–7–9
ns
Power up time
tPU
0
0–0–0–
ns
4
Power down time
tPD
10
12–15–20
ns
4
Undefined/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
DataOUT
Address
Data valid
Previous data valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com