Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QC02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QC02
Description  Smart - Control Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QC02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QC02 Datasheet HTML 1Page - List of Unclassifed Manufacturers QC02 Datasheet HTML 2Page - List of Unclassifed Manufacturers QC02 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product data sheet
FieldQ
Sheet No.:
Date:
TM
www.FieldQ .com
Copyright © Emerson Process Management. The information in this document is subject to change without notice. Updated data sheets can
be obtained from our web site www.Fieldq.com or from your nearest Valve Automation Center: America's:
+1 813 630 2255
(fax +1 630 9449) Europe: +31 74 256 10 10 (fax +31 74 291 09 38) Asia/Pacific: +65 626 24 515 (fax +65 626 80 028)
Smart - Control Modules
QC01: (24VDC) & QC02: (85-254VAC)
Options:
Manual Control
- Can be added as kit or factory option in 2 versions,
“Push button” or a “Push and lock” button.
Glands and plugs
- FieldQ Control Modules QC01 or QC02 can be shipped
with plastic or metal glands (M20x1.5 or 1/2"NPT) and
rated IP65/NEMA4X or higher.
Hazardous area modules:
- Non-Incendive of Non-Sparking
- Control Modules QC01 and QC02 are available with
optional Non-Incendive of Non-Sparking approvals as
listed below:
- ATEX
:
II 3 GD EEx nA IIC T4 T90°C / IP65
: Certificate : KEMA 02ATEX1258X
: Ambient temperature:
- QC01: -20°C…+75°C (-4°F…167°F)
- QC02: -20°C…+73°C (-4°F…163°F)
- FM
: Non-Incendive, Class I, II, III, Div.2,
Group ABCDFG T4, Type 4X/IP65
: Class I, Zone 2, IIC T4
: Ambient temperature:
- QC01: -20°C…+75°C (-4°F…167°F)
- QC02: -20°C…+73°C (-4°F…163°F)
- CSA
: Non Incendive: Class I, II, III, Div.2,
Groups ABCDFG, T4
: Ex nA II T4 (Class I, Zone 2)
: Ambient temperature:
- QC01: -20°C…+75°C (-4°F…167°F)
- QC02: -20°C…+73°C (-4°F…163°F)
: Certificate: 1477696
- Intrinsically safe:
- For information about intrinsically safe Control Modules,
see 1.604.011
- Short circuit monitoring and line break detection
- For information about Control Modules with short circuit
monitoring and line break detection (IEC 60947 part 5-6,
NAMUR switch characteristics), see 1.604.011
1.604.01 - Rev: E - Page 2 of 3
October, 2006



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com