Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH4182BS-CB2DB1-13 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4182BS-CB2DB1-13
Description  OSLON® P1616 Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4182BS-CB2DB1-13 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH4182BS-CB2DB1-13 Datasheet HTML 3Page - OSRAM GmbH SFH4182BS-CB2DB1-13 Datasheet HTML 4Page - OSRAM GmbH SFH4182BS-CB2DB1-13 Datasheet HTML 5Page - OSRAM GmbH SFH4182BS-CB2DB1-13 Datasheet HTML 6Page - OSRAM GmbH SFH4182BS-CB2DB1-13 Datasheet HTML 7Page - OSRAM GmbH SFH4182BS-CB2DB1-13 Datasheet HTML 8Page - OSRAM GmbH SFH4182BS-CB2DB1-13 Datasheet HTML 9Page - OSRAM GmbH SFH4182BS-CB2DB1-13 Datasheet HTML 10Page - OSRAM GmbH SFH4182BS-CB2DB1-13 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SFH 4182BS
DATASHEET
DATASHEET
7 | Version 1.0 | 2024-08-13
Relative Spectral Emission 8), 9)
Centroid wavelength 920 nm
850
900
950
1000
λ
[ ]
0
20
40
60
80
100
[ ]
Relative Spectral Emission 8), 9)
Centroid wavelength 940 nm
850
900
950
1000
λ
[ ]
0.0
0.2
0.4
0.6
0.8
1.0
[ ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com