Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

240128-06-FN-R-ET-ELP-WH Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 240128-06-FN-R-ET-ELP-WH
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-FN-R-ET-ELP-WH Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 240128-06-FN-R-ET-ELP-WH Datasheet HTML 17Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 18Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 19Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 20Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 21Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 22Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 23Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 24Page - List of Unclassifed Manufacturers 240128-06-FN-R-ET-ELP-WH Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
21
● Data Auto Read/Write
Code
Hex
Function
Operand
10110000
B0H
Data auto write set
---
10110001
B1H
Data auto read set
---
10110010
B2H
Auto reset
---
This command is convenient to send full screen data from external display RAM. After setting auto mode, "Data write
(or read)" command is not necessary between each data. "Data auto write (or read)" command should follow the "Address
pointer set" and address pointer is automatically increment by + 1 after each data. After sending (or receiving) all data "Auto
reset" is necessary to return normal operation because all data is regarded "Display data" and no command can be accepted in
the auto mode.
Note : Status check for auto mode (STA2,STA3) should be checked between each data. Auto reset should be performed after
checking STA3=1 (STA2=1). Please refer following flow chart.
AUTO MODE
END
STATUS CHECK 1
LOWER ADDRESS DATA
STATUS CHECK 1
UPPER ADDRESS DATA
STATUS CHECK 1
ADDRESS POINTER SET 24H
STATUS CHECK 1
DATA AUTO WRITE B0H
STATUS CHECK 2
DISPLAY DATA SEND
STATUS CHECK 2
DISPLAY DATA SEND
STATUS CHECK 2
AUTO RESET B2H
YES
STATUS CHECK 1
RETURN
STA0=1,
STA2=1?
NO
YES
STATUS CHECK 2
RETURN
STA2=1,
(STA3=1)? NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com