Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ETCSP Datasheet(PDF) 1 Page - Amkor Technology

Part # ETCSP
Description  the first ball grid array capable of an extremely thin 0.5 mm maximum mounted height.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

ETCSP Datasheet(HTML) 1 Page - Amkor Technology

  ETCSP Datasheet HTML 1Page - Amkor Technology ETCSP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
etCSP®
• Up to 176 ball count
• 7-12 mm body size
• Thinnest CSP available at 0.5 mm max mounted height
• JEDEC Level 1 Reliability to 260 °C reflow temperature
• Conventional process flow with proven wirebond technology
• Standardized footprints at 0.5 mm pitch
• Package stacking potential of tested packages
• Two stacked die potential
12 x 12 mm body; 176 I/O; Typical 39 °C/W
Amkor’s initial etCSP® packages are offered for low power
applications. Higher thermal performance can be achieved by
adding a heat spreader or heat sink to the die's exposed
backside. In addition, future die-up configurations will provide
a direct heat dissipation path into the product motherboard
through the die backside.
Min
Max
Inductance (nH)
0.735
1.546
Capacitance (pF)
0.176
0.319
Resistance (mOhms)
47.9
89.83
Package Dimensions:
7 x 7 mm body; 89 I/O; 0.3 mm ball diameter; 100 MHz
Package Level*:
• Moisture sensitivity
JEDEC Level 1 @ 260 °C
• Temp Cycle
-55° C/+125 °C, 1000 cycles
• Temp/Humidity
85 °C/ 85% RH, 1000 hrs
• High Temp Storage
150 °C, 1000 hrs
• PCT/HAST
130 °C, 85% RH, 96 hrs
*Data for 12 x 12 mm body; 176 I/O; 7.62 mm DC die,
0.15 mm thick
Board Level:
• Thermal cycle
-55 °C / 125 °C 2 cycles / hour,
1000 cycles
• First failure 1100 cycles
• Lead free solder
et CSP® Package:
Amkor's etCSP® package is the first ball grid array
capable of an extremely thin 0.5 mm maximum
mounted height. This package can squeeze into
applications requiring a thin form factor. The
et
CSP® package is constructed using conventional
IC processing including standard wire bonding,
molding and substrate infrastructure. The resulting
package consists of one or two peripheral rows of
0.3 mm diameter solder balls to allow common
SMT processing.
There are many advantages as a direct result of the
unique etCSP® design. One key advantage is the
0.5 mm mounted height of the package, the result of
solder ball diameter and thin core laminate substrate.
Every other aspect of the package, die, wires and
moldcap are within the dimensions of the substrate
and solderballs. Another direct result of the etCSP®
design is the superior moisture resistance. Since
die attach materials are not used to mount the
die, there is reduced capability to trap moisture.
Therefore, popcorn induced delamination is reduced.
The etCSP® package can also be designed with the
capability of stacking completely tested packages,
i.e., packaged memory, into a single footprint on the
motherboard. In this manner, two stacked etCSP™
packages can be tested before mounting and the
combined height is less than 1.0 mm.
LAMINATE
www.amkor.com
DS578F
Rev Date: 07’03
Features:
Thermal Performance:
Electrical:
Reliability:
Applications:
Amkor's etCSP® design makes this package type ideal for PCMCIA card applications, mini disk
drives, thin wireless handsets, Flash or EEPROM memory and other portable products where vertical
height is limited. Because of the unique design of the etCSP® package, stacking is easily achieved
with proper substrate designs. This creates an opportunity to multiply memory capacity without
increasing board area.
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
.


Similar Part No. - ETCSP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC-1-1-10 MACOM-ETC-1-1-10 Datasheet
147Kb / 2P
E-Series RF 1:1 Transformer 1710 - 1910 MHz
ETC-1-1-10TR MACOM-ETC-1-1-10TR Datasheet
147Kb / 2P
E-Series RF 1:1 Transformer 1710 - 1910 MHz
logo
Inventronics Inc.
ETC-150S058DT INVENTRONICS-ETC-150S058DT Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
ETC-150S058ST INVENTRONICS-ETC-150S058ST Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
ETC-150S070DT INVENTRONICS-ETC-150S070DT Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
More results

Similar Description - ETCSP

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
logo
List of Unclassifed Man...
FL7B5BH ETC2-FL7B5BH Datasheet
68Kb / 1P
Ball-Grid-Array Thin Film Low-Pass Filter
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
Ball Grid Array (BGA, 1.50mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
Shrink Ball Grid Array (1.27mm Pitch)
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02_14 Datasheet
496Kb / 21P
Permanent Software Write Protection for the First-half of the Array
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
ball grid array (bga) resistor networks
logo
List of Unclassifed Man...
BL1L5NT250ST1 ETC2-BL1L5NT250ST1 Datasheet
94Kb / 2P
series, ball-grid-array thin film delay lines
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
Ball Grid Array Packaging
04.24.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com