Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8720-32C-DC-R Datasheet(PDF) 6 Page - Extreme Networks.

Part # 8720-32C-DC-R
Description  Next Generation Secure Data Center and Mobile Edge Spine Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

8720-32C-DC-R Datasheet(HTML) 6 Page - Extreme Networks.

  8720-32C-DC-R Datasheet HTML 1Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 2Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 3Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 4Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 5Page - Extreme Networks. 8720-32C-DC-R Datasheet HTML 6Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ordering Information
Part Number
Description
8720-32C
Extreme 8720-32C Switch with two empty power supply slots, six empty fan slots and a 4-post rack mount kit,
Supports 32x100/40GE
8720-32C-AC-F
Extreme 8720-32C Switch with front to back airflow. Supports 32x100/40G with two AC power supplies, six fans and
a 4-post rack mount kit
8720-32C-AC-R
Extreme 8720-32C Switch with back to front Airflow, Supports 32x100/40G with dual AC power supplies, six fans
and a 4-post rack mount kit
8720-32C-DC-F
Extreme 8720-32C Switch with front to back Airflow, Supports 32x100/40G with dual DC power supplies, six fans
and 4-post rack mount kit
8720-32C-DC-R
Extreme 8720-32C Switch with back to front Airflow, Supports 32x100/40G with dual DC power supplies, six fans
and a 4-post rack mount kit
XN-ACPWR-750W-F
AC 750W PSU, Front -to-Back Airflow supported on VSP 7400, SLX 9150, SLX 9250, X695, 8720
XN-ACPWR-750W-R
AC 750W PSU, Back-to-Front Airflow supported on VSP 7400, SLX 9150, SLX 9250, X695, 8720
XN-DCPWR-750W-F
DC 750W PSU, Front -to-Back Airflow supported on VSP 7400, SLX 9150, SLX 9250, X695, 8720
XN-DCPWR-750W-R
DC 750W PSU, Back-to-Front Airflow supported on VSP 7400, SLX 9150, SLX 9250, X695, 8720
XN-FAN-001-F
Front to Back Fan for use in VSP 7400, SLX 9150, SLX 9250, X695, 8720
XN-FAN-001-R
Back to Front Fan for use in VSP 7400, SLX 9150, SLX 9250, X695, 8720
XN-4P-RKMT298
Four post rack mount rail kit supported on VSP 7400, SLX 9150, SLX 9250, X695, 8720
XN-2P-RKMT299
Two post rack mount rail kit supported on VSP 7400, SLX 9150, SLX 9250, X695, 8720
8000-PRMR-LIC-P
Extreme 8000 Premier Feature License (includes Integrated Application Hosting)
Optics/Transceivers
For a list of the optics/transceivers supported on the 8720 Series, refer to
our Extreme Optics Compatibility Tool.
Power Cords
In support of Extreme Networks green initiatives, power cords are not
included with the 8720 but can be ordered separately. They should be
specified at time of ordering.
Warranty
All 8720 Series models are covered under Extreme's Universal
LLW policy. For warranty details, visit: http://www.extremenetworks.com/
support/policies
Maintenance Services
Extreme’s maintenance and support services with 100% in-sourced
engineering experts and over 90% first-person resolution ensure efficient
operation of your business-essential network. 24x7x365 phone support,
advanced parts replacement, and on-site support augment your staff with
experienced resources that help you mitigate critical network issues fast.
Visit our ExtremeWorks Maintenance Services page for more information.
©2023 Extreme Networks, Inc. All rights reserved. Extreme Networks and the Extreme Networks logo are trademarks or registered trademarks of Extreme Networks,
Inc. in the United States and/or other countries. All other names are the property of their respective owners. For additional information on Extreme Networks
Trademarks please see http://www.extremenetworks.com/company/legal/trademarks. Specifications and product availability are subject to change without notice.
30oct23
www.extremenetworks.com
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com