Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XN-2P-RKMT299 Datasheet(PDF) 1 Page - Extreme Networks.

Part # XN-2P-RKMT299
Description  Next Generation Secure Data Center and Mobile Edge Leaf Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RKMT299 Datasheet(HTML) 1 Page - Extreme Networks.

  XN-2P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-2P-RKMT299 Datasheet HTML 7Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Highlights
• High-performance feature-rich, Fixed
Form Factor Leaf Switches for Service
Provider and Data Center
• Two models – 48 x 25/10/1G + 8 x 100/40G
(fiber) and 48 x 10/1G copper connectivity
+ 6 x 100/40G GbE uplink options in a
fixed 1U form factor
• Copper ports support 10G and 1G and
Fiber ports support 25G, 10G and 1G
• Supply chain, boot, and runtime
protection with Measured Boot
• Baseboard Management Controller
(BMC) for lights-out management
(LOM) for remote operations such as
reboots, shutdowns, and out-of-band
troubleshooting
• Full featured SLX operating system with
advanced features supporting switching,
IP Fabrics, BGP-EVPN and VXLAN
• Supports Integrated Application Hosting
to enable organizations to deploy
Extreme- provided or third-party
applications and tools directly on the
switch
• All models offer a choice of AC/DC power
supplies and F/R fans
• ExtremeCloud Orchestrator leverages
Integrated Application Hosting and
enables plug-n-play IP fabrics
for infrastructure provisioning and
configuration of all tenant services
across the entire fabric at no additional
cost
Next Generation Secure Data Center and Mobile Edge Leaf
Switches
Introducing the Extreme 8520 switches for large scale BGP-EVPN IP Fabric enterprise
data centers and service provider fixed and mobile edge architectures. As a part of
Extreme’s Universal platform, the Extreme 8520 delivers scalable L2 and L3 services
and deterministic network performance while simplifying deployment and reducing
cost.
The Extreme 8520 platforms are top-of-rack, fixed form factor 1/10/25/40/100GbE
leaf switches with 32MB of packet buffer and an overall non-blocking, in and out
throughput of 2Tbps. There are two network hardware platforms, offering forty-eight
1/10/25 GbE SFP28 ports and either six or eight 100/40 GbE QSFP28 ports.
As part of Extreme’s Trusted Delivery initiative, the Extreme 8000 Series of Universal
switches introduce powerful security enhancements with a combination of Secure
Boot technology, enhanced by an industry-first Measured Boot implementation.
Measured Boot extends the security posture of the system into the execution of the
operating system itself for greater protection against threats.
The Extreme 8520 network hardware platforms enable organizations to design open
networks that accommodate a variety of applications and east- west traffic patterns.
With its high-density scale-out architecture, leading power efficiency, and airflow
options, the Extreme 8520 platforms deliver cost-effective solutions that optimizes
power, cooling, and data center space, wherever your center of data might be.
Data Sheet
Extreme 8520
www.extremenetworks.com
1


Similar Part No. - XN-2P-RKMT299

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
XN-2P-RKMT299 EXTREMENETWORKS-XN-2P-RKMT299 Datasheet
232Kb / 9P
Universal Edge and Aggregation Switch Platform
XN-2P-RKMT299 EXTREMENETWORKS-XN-2P-RKMT299 Datasheet
177Kb / 7P
High-performance 10/25 Gigabit Aggregation Switch
XN-2P-RKMT299 EXTREMENETWORKS-XN-2P-RKMT299 Datasheet
256Kb / 8P
Universal Aggregation/Core Switch Platform
15apr24
XN-2P-RKMT299 EXTREMENETWORKS-XN-2P-RKMT299 Datasheet
216Kb / 8P
Universal Aggregation/Core Switch Platform
15apr24
XN-2P-RKMT299 EXTREMENETWORKS-XN-2P-RKMT299 Datasheet
164Kb / 6P
Next Generation Secure Data Center and Mobile Edge Spine Switch
30oct23
More results

Similar Description - XN-2P-RKMT299

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
Interworking Controller Next Generation
2003
SLE66CL80P INFINEON-SLE66CL80P Datasheet
172Kb / 10P
Secure Mobile Solutions - Security
2004-04-01
SLE66R35 INFINEON-SLE66R35 Datasheet
102Kb / 6P
Secure Mobile Solutions
2003-08-07
SLE6636 INFINEON-SLE6636 Datasheet
158Kb / 7P
Secure Mobile Solutions
2003-08-05
logo
STMicroelectronics
STN8810 STMICROELECTRONICS-STN8810 Datasheet
126Kb / 5P
Trio of Nomadik application processors bring multimedia to next-generation mobile devices
Rev. 1
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
Crimping Next Generation
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
next generation power source
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com