Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIO-DD75060-RPSMA Datasheet(PDF) 7 Page - Extreme Networks.

Part # AIO-DD75060-RPSMA
Description  Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

AIO-DD75060-RPSMA Datasheet(HTML) 7 Page - Extreme Networks.

Back Button AIO-DD75060-RPSMA Datasheet HTML 2Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 3Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 4Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 5Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 6Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 7Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 8Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 9Page - Extreme Networks. AIO-DD75060-RPSMA Datasheet HTML 10Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Marketing Part #
Description
Notes
ML-2452-HPA5-036
Dipole, 3.9 dBi (2.4 GHz) and 5.7 dBi (5 GHz) dual band with RP-SMA
connector, outdoor rated, color: white
Up to 2 antennas for dual band 2.4 and 5 GHz ports
ML-2452-PTA2M2-036
Patch, 4 dBi (2.4 GHz) and 5 dBi (5 GHz) dual band with 2 RP-SMA
connectors
2 36" antenna leads for dual band 2.4 and 5 GHz ports
ML-2452-HPAG4A6-01
Dipole, 4 dBi (2.4 GHz) and 7.3 dBi (5 GHz) dual band with standard
N-type connector, outdoor rated, color: white
Needs adapter 25-85392-01R for each port
AIO-DD75060-RPSMA
Panel, 60 deg sector, 7.5 dBi (2.4 GHz) and 7.5 dBi (2.4GHz), dual
band 36” lead with 2 RP-SMA connectors, outdoor rated
2 36" antenna leads for dual band 2.4 and 5 GHz ports
AIO-DD05120-RPSMA
Panel, 120 deg sector, 5 dBi/5 dBi, dual band, outdoor, 36” lead with 2
RP-SMA connectors
2 36" antenna leads for dual band 2.4 and 5 GHz ports
ML-2452-SEC6M4-036
Polarized Panel, Azimuth 100° Elevation Beamwidth 80 deg, 6.92
dBi/ 7.3 dBi, dual band, indoor with quad feed 32" leads and
standard RP- SMA plug connectors
Use 2 of the 4 antennas leads for dual band 2.4 and 5
GHz ports
ML-2452-PNA5-01R
Panel, 120 deg sector, 4.5 dBi/5 dBi, dual band, outdoor, 4” lead with
standard N-type connector
Need adapter 25-85392-01R per port
See Antenna Guide - Wi-Fi 6 (802.11ax) Antenna Specifications Guide
Warranty
The AP3000/X is covered under Extreme's LLW Warranty policy.
For warranty details,.visit: www.extremenetworks.com/support/
policies.
www.extremenetworks.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com