Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XN-4P-RKMT-001 Datasheet(PDF) 6 Page - Extreme Networks.

Part # XN-4P-RKMT-001
Description  Premium Stackable Switching Platform for Network Edge Deployments
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-4P-RKMT-001 Datasheet(HTML) 6 Page - Extreme Networks.

Back Button XN-4P-RKMT-001 Datasheet HTML 2Page - Extreme Networks. XN-4P-RKMT-001 Datasheet HTML 3Page - Extreme Networks. XN-4P-RKMT-001 Datasheet HTML 4Page - Extreme Networks. XN-4P-RKMT-001 Datasheet HTML 5Page - Extreme Networks. XN-4P-RKMT-001 Datasheet HTML 6Page - Extreme Networks. XN-4P-RKMT-001 Datasheet HTML 7Page - Extreme Networks. XN-4P-RKMT-001 Datasheet HTML 8Page - Extreme Networks. XN-4P-RKMT-001 Datasheet HTML 9Page - Extreme Networks. XN-4P-RKMT-001 Datasheet HTML 10Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Weights and Dimensions
Switches
Part Number
Weight
Physical Dimensions
X465-24W
7.87 kg (17.35 lb)
Height: 43.18 mm (1.70 in.)
Width: 440.44 mm (17.34 in.)
Depth: 488.44 mm (19.23 in.)
X465-48T
8.0 kg (17.64 lb)
X465-48P
8.39 kg (18.49 lb)
X465-48W
8.37 kg (18.46 lb )
X465-24MU
7.94 kg (17.5 lb)
X465-24MU-24W
8.37 kg (18.45 lb)
X465-24S
7.57 kg (16.69 lb)
X465-24XE
7.77 kg (17.13 lb)
VIM Modules
Part Number
Weight
Physical Dimensions
VIM5-4X
0.17 kg (0.37lb)
Height: 40.89 mm (1.61 in.)
Width: 48.77 mm (1.92 in.)
Depth: 146.30 mm (5.76 in.)
VIM5-4XE
0.19 kg (0.41lb)
VIM5-2Q
0.17 kg (0.37lb)
Power Supplies
Part Number
Weight
Physical Dimensions
10953 (350W AC)
1.08 kg (2.38 lb)
Height: 39.62 mm (1.56 in.)
Width: 82.55 mm (3.25 in.)
Depth: 292.10 mm (11.50 in.)
10951 (715W AC)
1.16 kg (2.55 lb)
10941 (1100W AC)
1.16 kg (2.55 lb)
XN-ACPWR-2000W-F
(2000W AC)
1.16 kg (2.56 lb)
Height: 39.62 mm (1.56 in.)
Width: 82.55 mm (3.25 in.)
Depth: 292.10 mm (11.50 in.)
Power Supply Unit Specifications
10953
10951
10941
XN-ACPWR-2000W-F*
Voltage Input Range (Nominal)
100-127/200-240 VAC
100-127/200-240 VAC
100-127/200-240 VAC
100-127/200-240 VAC
Line Frequency Range
50 Hz to 60 Hz
50 Hz to 60 Hz
50 Hz to 60 Hz
50 Hz to 60 Hz
Power Supply Input Socket
IEC/EN60320 C14
IEC/EN60320 C16
IEC/EN60320 C16
IEC/EN60320 C16
www.extremenetworks.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com