Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX1574DYYR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 30Page - Texas Instruments TMUX1574DYYR Datasheet HTML 31Page - Texas Instruments TMUX1574DYYR Datasheet HTML 32Page - Texas Instruments TMUX1574DYYR Datasheet HTML 33Page - Texas Instruments TMUX1574DYYR Datasheet HTML 34Page - Texas Instruments TMUX1574DYYR Datasheet HTML 35Page - Texas Instruments TMUX1574DYYR Datasheet HTML 36Page - Texas Instruments TMUX1574DYYR Datasheet HTML 37Page - Texas Instruments TMUX1574DYYR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
29-Sep-2023
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TMUX1574DYYR
SOT-23-THIN
DYY
16
3000
336.6
336.6
31.8
TMUX1574PWR
TSSOP
PW
16
2000
356.0
356.0
35.0
TMUX1574RSVR
UQFN
RSV
16
3000
189.0
185.0
36.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com