Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321R7T5 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST72321R7T5
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R7T5 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST72321R7T5 Datasheet HTML 26Page - STMicroelectronics ST72321R7T5 Datasheet HTML 27Page - STMicroelectronics ST72321R7T5 Datasheet HTML 28Page - STMicroelectronics ST72321R7T5 Datasheet HTML 29Page - STMicroelectronics ST72321R7T5 Datasheet HTML 30Page - STMicroelectronics ST72321R7T5 Datasheet HTML 31Page - STMicroelectronics ST72321R7T5 Datasheet HTML 32Page - STMicroelectronics ST72321R7T5 Datasheet HTML 33Page - STMicroelectronics ST72321R7T5 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 189 page
background image
ST72321
30/189
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
6.4.3 Clock Security System (CSS)
The Clock Security System (CSS) protects the
ST7 against breakdowns, spikes and overfrequen-
cies occurring on the main clock source (fOSC). It
is based on a clock filter and a clock detection con-
trol with an internal safe oscillator (fSFOSC).
Caution: The CSS function is not guaranteed. Re-
fer to Section 15
6.4.3.1 Clock Filter Control
The PLL has an integrated glitch filtering capability
making it possible to protect the internal clock from
overfrequencies created by individual spikes. This
feature is available only when the PLL is enabled.
If glitches occur on fOSC (for example, due to loose
connection or noise), the CSS filters these auto-
matically, so the internal CPU frequency (fCPU)
continues deliver a glitch-free signal (see Figure
18).
6.4.3.2 Clock detection Control
If the clock signal disappears (due to a broken or
disconnected resonator...), the safe oscillator de-
livers a low frequency clock signal (fSFOSC) which
allows the ST7 to perform some rescue opera-
tions.
Automatically, the ST7 clock source switches back
from the safe oscillator (fSFOSC) if the main clock
source (fOSC) recovers.
When the internal clock (fCPU) is driven by the safe
oscillator (fSFOSC), the application software is noti-
fied by hardware setting the CSSD bit in the SIC-
SR register. An interrupt can be generated if the
CSSIE bit has been previously set.
These two bits are described in the SICSR register
description.
6.4.4 Low Power Modes
6.4.4.1 Interrupts
The CSS or AVD interrupt events generate an in-
terrupt if the corresponding Enable Control Bit
(CSSIE or AVDIE) is set and the interrupt mask in
the CC register is reset (RIM instruction).
Figure 18. Clock Filter Function
Mode
Description
WAIT
No effect on SI. CSS and AVD interrupts
cause the device to exit from Wait mode.
HALT
The CRSR register is frozen.
The CSS (including the safe oscillator) is
disabled until HALT mode is exited. The
previous CSS configuration resumes when
the MCU is woken up by an interrupt with
“exit from HALT mode” capability or from
the counter reset value when the MCU is
woken up by a RESET.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
AVD event
AVDF
AVDIE
Yes
No
fOSC2
fCPU
fOSC2
fCPU
fSFOSC
Clock Filter Function
Clock Detection Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com