Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HER201 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER201
Description  2.0 AMPS. High Efficiency Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER201 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER201_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER201_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
HER201 - HER208
2.0 AMPS. High Efficiency Rectifiers
DO-15
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.40grams
Maximum Rating and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 200 300 400 600 800 1000
V
Maximum RMS Voltage
VRMS
35
70
140 210 280 420 560 700
V
Maximum DC Blocking Voltage
VDC
50
100 200 300 400 600 800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) lead length
@TA = 55
oC
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms single
half sine-wave superimposed on rated load
(JEDEC method )
IFSM
60
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@Ta=25
oC at Rated DC Blocking Voltage
@ Ta=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1)
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
50
35
pF
Typical Thermal Resistance
RθJA
60
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on PCB.


Similar Part No. - HER201_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_10 Datasheet
551Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
logo
Micro Commercial Compon...
HER201 MCC-HER201_11 Datasheet
245Kb / 3P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Yangzhou yangjie electr...
HER201 YANGJIE-HER201_11 Datasheet
133Kb / 2P
High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
2.0AMPS High Efficient Rectifiers
logo
Rectron Semiconductor
HER201 RECTRON-HER201_11 Datasheet
218Kb / 7P
HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
More results

Similar Description - HER201_1

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER201G JGD-HER201G Datasheet
172Kb / 2P
2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER201 FORMOSA-HER201 Datasheet
34Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201 Datasheet
67Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
logo
Yangzhou yangjie electr...
HER201-UF2001 YANGJIE-HER201-UF2001 Datasheet
57Kb / 2P
2.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_10 Datasheet
551Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
logo
Nanjing International G...
UF200 DGNJDZ-UF200 Datasheet
80Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
UF202-2C2A-2CDO-15 DGNJDZ-UF202-2C2A-2CDO-15 Datasheet
110Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
UF206-2C2A-2CDO-15 DGNJDZ-UF206-2C2A-2CDO-15 Datasheet
110Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER203G-2C2A-2CDO-15 DGNJDZ-HER203G-2C2A-2CDO-15 Datasheet
237Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER204G-2C2A-2CDO-15 DGNJDZ-HER204G-2C2A-2CDO-15 Datasheet
237Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com